Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 286 page
background image
Flash Memory
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
112
Freescale Semiconductor
1.
Set the PGM bit. This configures the memory for program operation and enables the latching of
address and data for programming.
2.
Read from the FLASH block protect register.
3.
Write any data to any FLASH address within the row address range desired.
4.
Wait for a time, tnvs (min. 10μs).
5.
Set the HVEN bit.
6.
Wait for a time, tpgs (min. 5μs).
7.
Write data to the FLASH address to be programmed.
8.
Wait for a time, tPROG (min. 30μs).
9.
Repeat step 7 and 8 until all the bytes within the row are programmed.
10.
Clear the PGM bit.*
11.
Wait for a time, tnvh (min. 5μs).
12.
Clear the HVEN bit.
13.
After time, trcv (typical 1μs), the memory can be accessed in read mode again.
This program sequence is repeated throughout the memory until all data is programmed.
NOTE
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order shown, other unrelated operations may
occur between the steps. Care must be taken within the FLASH array
memory space such as the COP control register (COPCTL) at $FFFF.
NOTE
It is highly recommended that interrupts be disabled during program/erase
operations.
NOTE
Do not exceed tPROG maximum or tHV maximum. tHV is defined as the
cumulative high voltage programming time to the same row before next
erase. tHV must satisfy this condition:
tNVS + tNVH + tPGS + (tPROG x 32) ≤ tHV maximum
Refer to 23.16 Memory Characteristics.
NOTE
The time between programming the FLASH address change (step 7 to
step 7), or the time between the last FLASH programmed to clearing the
PGM bit (step 7 to step 10) must not exceed the maximum programming
time, tPROG maximum.
CAUTION
Be cautious when programming the FLASH array to ensure that
non-FLASH locations are not used as the address that is written to when
selecting either the desired row address range in step 3 of the algorithm or
the byte to be programmed in step 7 of the algorithm. This applies
particularly to $FFD4–$FFDF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com