Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 286 page
background image
Monitor ROM (MON)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
132
Freescale Semiconductor
Figure 15-1. Monitor Mode Circuit
+
+
+
VDDA
MC145407
MC74HC125
RST
IRQ
VDDA
CGMXFC
OSC1
OSC2
VSS
VDD
PTA0
VDD
10 k
Ω
0.1
μF
10 k
Ω
6
5
2
4
3
1
DB-25
2
3
7
20
18
17
19
16
15
VDD
VDD
VDD
10
μF
10
μF
10
μF
10
μF
1
2
4
7
14
3
0.1
μF
5
6
+
PTB0
PTB1
68HC08
VSSAD/VREFL
VSSA
VDDAD/VREFH
D
C
C
C
D
D
6–30 pF
6–30 pF
32.768 kHz XTAL
SW2
SW4
SW3
(SEE NOTE 2)
(SEE NOTES 2
(SEE NOTE 2)
(SEE NOTE 3)
Notes:
1.
SW2, SW3, and SW4: Position C — Enter monitor mode using external oscillator.
SW2, SW3, and SW4: Position D — Enter monitor mode using external XTAL and internal PLL.
2.
See Table 15-1. Monitor Mode Signal Requirements and Options for IRQ voltage level requirements.
10 k
0.033
μF
VTST
330 k
Ω
AND 3)
PTA1
VDD
10 k
Ω
10 k
Ω
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com