Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 286 page
background image
Monitor ROM (MON)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
136
Freescale Semiconductor
15.3.2 Data Format
Communication with the monitor ROM is in standard non-return-to-zero (NRZ) mark/space data format.
Transmit and receive baud rates must be identical.
Figure 15-3. Monitor Data Format
15.3.3 Break Signal
A start bit (0) followed by nine 0 bits is a break signal. When the monitor receives a break signal, it drives
the PTA0 pin high for the duration of two bits and then echoes back the break signal.
Figure 15-4. Break Transaction
15.3.4 Baud Rate
The communication baud rate is controlled by the crystal frequency upon entry into monitor mode. The
divide by ratio is 1024.
If monitor mode was entered with VDD on IRQ, then the divide by ratio is also set at 1024. If monitor mode
was entered with VSS on IRQ, then the internal PLL steps up the external frequency, presumed to be
32.768 kHz, to 2.4576 MHz. These latter two conditions for monitor mode entry require that the reset
vector is blank.
Table 15-3 lists external frequencies required to achieve a standard baud rate of 9600 BPS. Other
standard baud rates can be accomplished using proportionally higher or lower frequency generators. If
using a crystal as the clock source, be aware of the upper frequency limit that the internal clock module
can handle. See 23.6 5.0 V Control Timing and 23.7 3.0 V Control Timing for this limit.
Table 15-3. Monitor Baud Rate Selection
External
Frequency
IRQ
Internal
Frequency
Baud Rate
(BPS)
9.8304 MHz
VTST
2.4576 MHz
9600
9.8304 MHz
VDD
2.4576 MHz
9600
32.768 kHz
VSS
2.4576 MHz
9600
BIT 5
START
BIT
BIT 1
NEXT
STOP
BIT
START
BIT
BIT 2
BIT 3
BIT 4
BIT 7
BIT 0
BIT 6
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
MISSING STOP BIT
2-STOP BIT DELAY BEFORE ZERO ECHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com