Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 168Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 169Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 170Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 171Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 172Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 173Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 174Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 175Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 286 page
background image
Serial Communications Interface (SCI)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
172
Freescale Semiconductor
18.4.3.7 Fast Data Tolerance
Figure 18-8 shows how much a fast received character can be misaligned without causing a noise error
or a framing error. The fast stop bit ends at RT10 instead of RT16 but is still there for the stop bit data
samples at RT8, RT9, and RT10.
Figure 18-8. Fast Data
For an 8-bit character, data sampling of the stop bit takes the receiver
9bit times
× 16 RT cycles + 10 RT cycles = 154 RT cycles.
With the misaligned character shown in Figure 18-8, the receiver counts 154 RT cycles at the point when
the count of the transmitting device is 10 bit times
× 16 RT cycles = 160 RT cycles.
The maximum percent difference between the receiver count and the transmitter count of a fast 8-bit
character with no errors is
For a 9-bit character, data sampling of the stop bit takes the receiver
10 bit times
× 16 RT cycles + 10 RT cycles = 170 RT cycles.
With the misaligned character shown in Figure 18-8, the receiver counts 170 RT cycles at the point when
the count of the transmitting device is 11 bit times
× 16 RT cycles = 176 RT cycles.
The maximum percent difference between the receiver count and the transmitter count of a fast 9-bit
character with no errors is
18.4.3.8 Receiver Wakeup
So that the MCU can ignore transmissions intended only for other receivers in multiple-receiver systems,
the receiver can be put into a standby state. Setting the receiver wakeup bit, RWU, in SCC2 puts the
receiver into a standby state during which receiver interrupts are disabled.
Depending on the state of the WAKE bit in SCC1, either of two conditions on the PE1/RxD pin can bring
the receiver out of the standby state:
•
Address mark — An address mark is a logic 1 in the most significant bit position of a received
character. When the WAKE bit is set, an address mark wakes the receiver from the standby state
by clearing the RWU bit. The address mark also sets the SCI receiver full bit, SCRF. Software can
then compare the character containing the address mark to the user-defined address of the
IDLE OR NEXT CHARACTER
STOP
DATA
SAMPLES
RECEIVER
RT CLOCK
154
160
–
154
--------------------------
100
×
3.90%
·
=
170
176
–
170
--------------------------
100
×
3.53%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com