Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 172Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 173Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 174Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 175Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 176Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 177Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 178Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 179Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 286 page
background image
Serial Communications Interface (SCI)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
176
Freescale Semiconductor
ENSCI — Enable SCI Bit
This read/write bit enables the SCI and the SCI baud rate generator. Clearing ENSCI sets the SCTE
and TC bits in SCI status register 1 and disables transmitter interrupts. Reset clears the ENSCI bit.
1 = SCI enabled
0 = SCI disabled
TXINV — Transmit Inversion Bit
This read/write bit reverses the polarity of transmitted data. Reset clears the TXINV bit.
1 = Transmitter output inverted
0 = Transmitter output not inverted
NOTE
Setting the TXINV bit inverts all transmitted values, including idle, break,
start, and stop bits.
M — Mode (Character Length) Bit
This read/write bit determines whether SCI characters are eight or nine bits long. See Table 18-5. The
ninth bit can serve as an extra stop bit, as a receiver wakeup signal, or as a parity bit. Reset clears the
M bit.
1 = 9-bit SCI characters
0 = 8-bit SCI characters
WAKE — Wakeup Condition Bit
This read/write bit determines which condition wakes up the SCI: a 1 (address mark) in the most
significant bit position of a received character or an idle condition on the PE1/RxD pin. Reset clears
the WAKE bit.
1 = Address mark wakeup
0 = Idle line wakeup
ILTY — Idle Line Type Bit
This read/write bit determines when the SCI starts counting 1s as idle character bits. The counting
begins either after the start bit or after the stop bit. If the count begins after the start bit, then a string
of 1s preceding the stop bit may cause false recognition of an idle character. Beginning the count after
the stop bit avoids false idle character recognition, but requires properly synchronized transmissions.
Reset clears the ILTY bit.
1 = Idle character bit count begins after stop bit
0 = Idle character bit count begins after start bit
PEN — Parity Enable Bit
This read/write bit enables the SCI parity function. See Table 18-5. When enabled, the parity function
inserts a parity bit in the most significant bit position. See Figure 18-3. Reset clears the PEN bit.
1 = Parity function enabled
0 = Parity function disabled
PTY — Parity Bit
This read/write bit determines whether the SCI generates and checks for odd parity or even parity. See
Table 18-5. Reset clears the PTY bit.
1 = Odd parity
0 = Even parity
NOTE
Changing the PTY bit in the middle of a transmission or reception can
generate a parity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com