Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 178Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 179Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 180Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 181Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 182Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 183Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 184Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 185Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 286 page
background image
Serial Communications Interface (SCI)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
182
Freescale Semiconductor
Figure 18-13. Flag Clearing Sequence
18.8.5 SCI Status Register 2
SCI status register 2 contains flags to signal the following conditions:
•
Break character detected
•
Incoming data
BKF — Break Flag Bit
This clearable, read-only bit is set when the SCI detects a break character on the PE1/RxD pin. In
SCS1, the FE and SCRF bits are also set. In 9-bit character transmissions, the R8 bit in SCC3 is
cleared. BKF does not generate a CPU interrupt request. Clear BKF by reading SCS2 with BKF set
and then reading the SCDR. Once cleared, BKF can become set again only after 1s again appear on
the PE1/RxD pin followed by another break character. Reset clears the BKF bit.
1 = Break character detected
0 = No break character detected
Address:
$0017
Bit 7
654321
Bit 0
Read:
000000
BKF
RPF
Write:
Reset:
00000000
= Unimplemented
Figure 18-14. SCI Status Register 2 (SCS2)
BYTE 1
NORMAL FLAG CLEARING SEQUENCE
READ SCS1
SCRF = 1
READ SCDR
BYTE 1
BYTE 2
BYTE 3
BYTE 4
OR = 0
READ SCS1
SCRF = 1
OR = 0
READ SCDR
BYTE 2
READ SCS1
SCRF = 1
OR = 0
READ SCDR
BYTE 3
BYTE 1
READ SCS1
SCRF = 1
READ SCDR
BYTE 1
BYTE 2
BYTE 3
BYTE 4
OR = 0
READ SCS1
SCRF = 1
OR = 1
READ SCDR
BYTE 3
DELAYED FLAG CLEARING SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com