Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 179Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 180Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 181Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 182Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 183Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 184Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 185Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 186Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 286 page
background image
I/O Registers
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
183
RPF — Reception in Progress Flag Bit
This read-only bit is set when the receiver detects a 0 during the RT1 time period of the start bit search.
RPF does not generate an interrupt request. RPF is reset after the receiver detects false start bits
(usually from noise or a baud rate mismatch) or when the receiver detects an idle character. Polling
RPF before disabling the SCI module or entering stop mode can show whether a reception is in
progress.
1 = Reception in progress
0 = No reception in progress
18.8.6 SCI Data Register
The SCI data register (SCDR) is the buffer between the internal data bus and the receive and transmit
shift registers. Reset has no effect on data in the SCI data register.
R7/T7–R0/T0 — Receive/Transmit Data Bits
Reading address $0018 accesses the read-only received data bits, R7:R0. Writing to address $0018
writes the data to be transmitted, T7:T0. Reset has no effect on the SCI data register.
NOTE
Do not use read/modify/write instructions on the SCI data register.
18.8.7 SCI Baud Rate Register
The baud rate register (SCBR) selects the baud rate for both the receiver and the transmitter.
Address:
$0018
Bit 7
654321
Bit 0
Read:
R7R6R5
R4R3R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
Reset:
Unaffected by reset
Figure 18-15. SCI Data Register (SCDR)
Address:
$0019
Bit 7
654321
Bit 0
Read:
0
0
SCP1
SCP0
R
SCR2
SCR1
SCR0
Write:
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 18-16. SCI Baud Rate Register (SCBR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com