Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA1921 Datasheet HTML 1Page - NXP Semiconductors SA1921 Datasheet HTML 2Page - NXP Semiconductors SA1921 Datasheet HTML 3Page - NXP Semiconductors SA1921 Datasheet HTML 4Page - NXP Semiconductors SA1921 Datasheet HTML 5Page - NXP Semiconductors SA1921 Datasheet HTML 6Page - NXP Semiconductors SA1921 Datasheet HTML 7Page - NXP Semiconductors SA1921 Datasheet HTML 8Page - NXP Semiconductors SA1921 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
5
Table 1. POWER DOWN CONTROL
LO BUFFER
LNA
MIXER
TX MIXER
DRIVER
Control State
(Hi/Lo, Syn On, Rx On, Tx On, Strong Signal)
High
Band
Low
Band
High
Band
Low
Band
High
Band
Low
Band
High
Band
Low
Band
x000x
Sleep
Off
Off
Off
Off
Off
Off
Off
Off
01000
Low-Band LO Buffer on
Off
On
Off
Off
Off
Off
Off
Off
01100
Low-Band Receive Normal
Off
On
Off
On
Off
On
Off
Off
01101
Low-Band receive Strong Signal
Off
On
Off
Off
Off
On
Off
Off
01110
Low-Band Transmit (Analog only)
Off
On
Off
On
High Bias
Off
On
Off
On
01010
N/A
Off
On
Off
Off
Off
Off
Off
On
11000
High-Band LO Buffer On
On
Off
Off
Off
Off
Off
Off
Off
11100
High-Band Receive Normal
On
Off
On
Off
On
Off
Off
Off
11101
High-Band Receive Strong Signal
On
Off
Off
Off
On
Off
Off
Off
11010
N/A
On
Off
Off
Off
Off
Off
On
Off
NOTE:
1. “0” is low logic state; “1” is high logic state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com