Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 2Page - NXP Semiconductors SA1921 Datasheet HTML 3Page - NXP Semiconductors SA1921 Datasheet HTML 4Page - NXP Semiconductors SA1921 Datasheet HTML 5Page - NXP Semiconductors SA1921 Datasheet HTML 6Page - NXP Semiconductors SA1921 Datasheet HTML 7Page - NXP Semiconductors SA1921 Datasheet HTML 8Page - NXP Semiconductors SA1921 Datasheet HTML 9Page - NXP Semiconductors SA1921 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
6
OPERATION
The low-band contains both an LNA and mixer that is designed to
operate in the 800 to 1000 MHz frequency range. The high-band
contains an LNA and image-rejection mixer that is designed to
operate in the 1515 to 1600 MHz frequency range with over 30 dB of
rejection over an intermediate frequency (IF) range from 150 to
185 MHz.
Image rejection is achieved in the internal architecture by two RF
mixers in quadrature and two all-pass filters in the I and Q IF
channels that phase shift the IF by 45
_ and 135_, respectively. The
two phase shifted IFs are recombined and buffered to produce the
IF output signal.
The LO section consists of an internal phase shifter to provide
quadrature LO signals to the receive mixers. The filters outputs are
buffered before being fed to the receive mixers. The transmit mixer
section consists of a low-noise amplifier, and a down-convert mixer.
In the transmit mode, an internal LO buffer is used to drive the
transmit IF down-convert mixer.
Low-Band Receive Section
The circuit contains a LNA followed by a wide-band mixer. In a
typical application circuit, the LNA output uses an external pull-up
inductor to VCC and is AC coupled. The mixer IF outputs are
differential. A typical application will load the output buffer with an
inductor across the IF outputs, a pull-up inductor to VCC and an AC
coupled capacitor to the matching network.
Low-Band Receive Section (Analog Transmit
Mode)
The bias current of the low-band LNA will increase during analog
transmission, which increases its gain compression point and makes
the receiver less sensitive to PA leakage power for an AMPS
application.
High-Band Receive Section
The circuit contains an LNA followed by two high dynamic range
mixers. These are Gilbert cell mixers; the internal architecture is fully
differential. The LO is shifted in phase by 45
_ and 135_ and mixes
the amplified RF signal to create I and Q channels. The two I and Q
channels are buffered, phase shifted by 45
_ and 135_, respectively,
amplified and recombined internally to realize the image rejection.
The IF output is differential and of the open-collector type. A typical
application will load the output buffer with an inductor across the IF
outputs, a pull-up inductor to VCC and an AC coupled capacitor to
the matching network.
Control Logic Section
Pins HI/LO, SYN ON, Rx On, Tx On, Strong Signal, control the logic
functions. The HI/LO mode selects between low-band and
high-band operation. The SYN ON mode enables the LO buffers
independent of the other circuitry. When SYN ON is high, all internal
buffers in the LO path of the circuit are turned on, thus minimizing
LO pulling when the remainder of the receive or transmit chain is
powered-up.
The Rx ON mode enables the LO buffers when the device is in the
low-band receive normal, receive strong signal and transmit modes;
the Rx ON mode enables the LO buffers, also, when the device is in
the high-band receive normal, and receive strong signal modes.
The Tx ON mode enables the transmit mixer. The strong signal
mode, when disabled, allows the low- and high-band LNAs to
function normally; and when the strong signal mode is enabled, it
turns-off the low- and high-band LNAs. This is needed when the
input signal is large and needs to be attenuated.
Local Oscillator (LO) Section
The LO input directly drives the two internal all-pass networks to
provide quadrature LO to the receive mixers. A synthesizer-on (SYN
ON) mode is used to power-up all LO input buffers, thus minimizing
the pulling effect on the external VCO when entering receive or
transmit mode.
Transmit Mixer Section
The transmit mixer is used for down-conversion to the transmit IF. Its
inputs are coupled to the transmit RF which is down-converted to a
modulated transmit IF frequency, and phase-locked with the
baseband modulation.
The IF outputs are HIGH impedance (open-collector type). A typical
application will load the output buffer with an inductor across the IF
outputs, a pull-up inductor to VCC and AC coupled capacitors to the
matching network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com