Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 19Page - NXP Semiconductors SA1921 Datasheet HTML 20Page - NXP Semiconductors SA1921 Datasheet HTML 21Page - NXP Semiconductors SA1921 Datasheet HTML 22Page - NXP Semiconductors SA1921 Datasheet HTML 23Page - NXP Semiconductors SA1921 Datasheet HTML 24Page - NXP Semiconductors SA1921 Datasheet HTML 25Page - NXP Semiconductors SA1921 Datasheet HTML 26Page - NXP Semiconductors SA1921 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
23
1
1:
4.6161mU
97.782
°
200MHz
2:
6.5206mU
88.02
°
400MHz
3:
9.1807mU
105.05
°
600MHz
4:
15.58mU
119.06
°
900MHz
START: 100MHz
STOP:
1.35GHz
3
4
2
SR01648
Figure 38.
Typical S12 for the Low Band LNA @ 3.75V for the Low Band Transmit (Analog) Mode
1:
67.703
Ω
295.39
Ω
200MHz
2:
436.03
Ω
–336.16
Ω
400MHz
3:
105.43
Ω
–216.6
Ω
600MHz
4:
37.477
Ω
–123.19
Ω
1.4355pF
900MHz
START: 100MHz
STOP:
1.35GHz
1
2
3
4
SR01639
Figure 39.
Typical S22 for the Low Band LNA @ 3.75V for the Low Band Transmit (Analog) Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com