Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 6Page - NXP Semiconductors SA1921 Datasheet HTML 7Page - NXP Semiconductors SA1921 Datasheet HTML 8Page - NXP Semiconductors SA1921 Datasheet HTML 9Page - NXP Semiconductors SA1921 Datasheet HTML 10Page - NXP Semiconductors SA1921 Datasheet HTML 11Page - NXP Semiconductors SA1921 Datasheet HTML 12Page - NXP Semiconductors SA1921 Datasheet HTML 13Page - NXP Semiconductors SA1921 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
10
Transmit Mixer
VCC = +3.75 V, FreqRF = 1550 MHz, FreqLO = 1713 MHz, PLOin = –3 dBm, TA = +25_C; unless otherwise stated.
PARAMETERS
MIN
–3
s
TYP.
+3
s
MAX
UNITS
NOTES
TX Mixer Input Frequency
824
1661
MHz
TX RF Input Impedance, Balanced
200
W
TX Mixer Output Frequency
70
163
200
MHz
TX IF Load Impedance
1000
W
Maximum TX IF Load Capacitance
2
pF
Conversion Power Gain
17
18
19
dB
1
1 dB Input Compression Point
–17
dBm
IIP2
20
dBm
IIP3
–9
–7
–5
dBm
Noise Figure (double sideband)
8.5
dB
Reverse Isolation TXIN–LOIN
40
dB
Isolation LOIN–TXIN
40
dB
NOTES:
1. Input and output ports matched to 50
W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com