Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 9Page - NXP Semiconductors SA1921 Datasheet HTML 10Page - NXP Semiconductors SA1921 Datasheet HTML 11Page - NXP Semiconductors SA1921 Datasheet HTML 12Page - NXP Semiconductors SA1921 Datasheet HTML 13Page - NXP Semiconductors SA1921 Datasheet HTML 14Page - NXP Semiconductors SA1921 Datasheet HTML 15Page - NXP Semiconductors SA1921 Datasheet HTML 16Page - NXP Semiconductors SA1921 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
13
PERFORMANCE CHARACTERISTICS
VCC = +3.75 V, FreqRF = 1550 MHz, FreqLO = 1713 MHz, PLOin = –3 dBm, TA = +25_C; unless otherwise stated.
SR01734
8.00
9.00
10.00
11.00
12.00
13.00
14.00
15.00
16.00
3.60
3.65
3.70
3.75
3.80
3.85
3.90
+85
_C
+25
_C
–40
_C
VCC (V)
Figure 5.
Low Band Receive Normal ICC
SR01735
25.00
30.00
35.00
40.00
45.00
50.00
3.60
3.65
3.70
3.75
3.80
3.85
3.90
VCC (V)
+85
_C
+25
_C
–40
_C
Figure 6.
High Band Receive Normal ICC
SR01750
10
12
14
16
18
20
22
24
26
28
30
150
155
160
165
170
175
180
185
IF FREQUENCY (MHz)
Figure 7.
High Band Gain vs. IF Frequency
SR01751
20
25
30
35
40
45
150
155
160
165
170
175
180
185
IF FREQUENCY (MHz)
Figure 8.
High Band Image Rejection vs. IF Frequency
SR01752
–13.5
–13
–12.5
–12
–11.5
–11
–10.5
–10
–9.5
–9
–8.5
150
155
160
165
170
175
180
185
IF FREQUENCY (MHz)
Figure 9.
High Band IP3 vs. IF Frequency
SR01753
8
9
10
11
12
13
14
15
16
17
18
150
155
160
165
170
175
180
185
IF FREQUENCY (MHz)
Figure 10.
High Band IP2 vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com