Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 3Page - NXP Semiconductors SA1921 Datasheet HTML 4Page - NXP Semiconductors SA1921 Datasheet HTML 5Page - NXP Semiconductors SA1921 Datasheet HTML 6Page - NXP Semiconductors SA1921 Datasheet HTML 7Page - NXP Semiconductors SA1921 Datasheet HTML 8Page - NXP Semiconductors SA1921 Datasheet HTML 9Page - NXP Semiconductors SA1921 Datasheet HTML 10Page - NXP Semiconductors SA1921 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
7
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETERS
VALUE
UNIT
VCC
Input supply voltage at pins: 7, 25, 27, 40
4.75
V
PD
Power dissipation
150
mW
PIN
Input power at all ports
+20
dBm
Tsrg
Storage temperature range
–65 to +125
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETERS
RATING
UNIT
VCC
DC Supply voltage
3.6 to 3.9
V
TO
Operating temperature range (pin temp)
–40 to +85
°C
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all Input/Output ports are single-ended.
DC PARAMETERS
VCC = +3.75 V, TA = +25°C unless otherwise noted
SYMBOL
PARAMETERS
CONDITION
MIN.
TYP.
MAX.
UNIT
ICC
Current Consumption: Sleep Mode
X000X
1.0
25
mA
ICC
Low Band Receive Normal
01100
9.8
12.2
14.7
mA
ICC
Low Band Receive Strong
01101
9.0
mA
ICC
Low Band Transmit (Analog)
01111
18.0
mA
ICC
Low Band Transmit (GSM)
01010
16.5
mA
ICC
High Band Receive Normal
11100
32.0
40.0
48.0
mA
ICC
High Band Receive Strong
11101
36.0
mA
ICC
High Band Transmit (GSM)
11010
19.4
mA
Logic Low Input
0
0.5
V
Logic High Input
1.9
4.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com