Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 14Page - NXP Semiconductors SA1921 Datasheet HTML 15Page - NXP Semiconductors SA1921 Datasheet HTML 16Page - NXP Semiconductors SA1921 Datasheet HTML 17Page - NXP Semiconductors SA1921 Datasheet HTML 18Page - NXP Semiconductors SA1921 Datasheet HTML 19Page - NXP Semiconductors SA1921 Datasheet HTML 20Page - NXP Semiconductors SA1921 Datasheet HTML 21Page - NXP Semiconductors SA1921 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
18
2:
7.0159mU
75.611
°
400MHz
3:
7.8297mU
90.185
°
600MHz
4:
14.215mU
120.84
°
900MHz
START: 100MHz
STOP:
1.35GHz
4
2
3
SR01644
Figure 28.
Typical S12 of the Low Band LNA @ 3.75V for the Low Band Receive Normal Mode
1
1:
35.5
Ω
294.66
Ω
200MHz
2:
351.72
Ω
–537.09
Ω
400MHz
3:
77.625
Ω
–220.38
Ω
600MHz
4:
30.91
Ω
–120.37
Ω
1.4692pF
900MHz
START: 100MHz
STOP:
1.35GHz
2
3
4
SR01633
Figure 29.
Typical S22 of the Low Band LNA @ 3.75V for the Low Band Receive Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com