Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 18Page - NXP Semiconductors SA1921 Datasheet HTML 19Page - NXP Semiconductors SA1921 Datasheet HTML 20Page - NXP Semiconductors SA1921 Datasheet HTML 21Page - NXP Semiconductors SA1921 Datasheet HTML 22Page - NXP Semiconductors SA1921 Datasheet HTML 23Page - NXP Semiconductors SA1921 Datasheet HTML 24Page - NXP Semiconductors SA1921 Datasheet HTML 25Page - NXP Semiconductors SA1921 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
22
1:
70.324
Ω
–120.49
Ω
200MHz
2:
45.121
Ω
–61.621
Ω
400MHz
3:
39.195
Ω
–39.092
Ω
600MHz
4:
33.025
Ω
–24.061
Ω
7.3497pF
900MHz
START: 100MHz
STOP:
1.35GHz
1
2
3
4
SR01638
Figure 36.
Typical S11 for the Low Band LNA @ 3.75V for the Low Band Transmit (Analog) Mode
1:
16.617U
161.94
°
200MHz
2:
12.974U
134.43
°
400MHz
3:
10.255U
118.75
°
600MHz
4:
7.3947U
101.63
°
900MHz
START: 100MHz
STOP:
1.35GHz
1
3
4
2
SR01647
Figure 37.
Typical S21 of the Low Band LNA @ 3.75V for the Low Band Transmit (Analog) Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com