Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 22Page - NXP Semiconductors SA1921 Datasheet HTML 23Page - NXP Semiconductors SA1921 Datasheet HTML 24Page - NXP Semiconductors SA1921 Datasheet HTML 25Page - NXP Semiconductors SA1921 Datasheet HTML 26Page - NXP Semiconductors SA1921 Datasheet HTML 27Page - NXP Semiconductors SA1921 Datasheet HTML 28Page - NXP Semiconductors SA1921 Datasheet HTML 29Page - NXP Semiconductors SA1921 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
26
Table 2. Typical S-Parameters of Low Band LNA at VCC = +3.75V, LB Receive Normal Mode
FREQ (MHz)
|S11| (U)
<S11 (DEG)
|S21| (U)
<S21 (DEG)
|S12| (U)
<S12 (DEG)
|S22| (U)
<S22 (DEG)
100
0.89
–15.49
8.70
–165.43
0.0027
108.66
0.97
51.38
150
0.87
–22.76
8.71
–179.74
0.0038
93.41
0.96
31.54
200
0.85
–29.87
8.53
170.16
0.0049
92.10
0.96
19.54
250
0.82
–37.01
8.33
161.71
0.0065
86.08
0.95
11.08
300
0.79
–43.99
8.12
154.61
0.0071
82.95
0.94
4.19
350
0.75
–50.47
7.75
148.41
0.0078
69.24
0.93
–1.56
400
0.73
–56.72
7.49
144.24
0.0072
71.73
0.91
–5.69
450
0.70
–63.14
7.24
139.14
0.0078
76.99
0.91
–10.06
500
0.67
–69.13
6.97
134.34
0.0071
82.72
0.90
–13.94
550
0.63
–75.14
6.71
130.13
0.0078
84.15
0.89
–17.69
600
0.61
–81.15
6.45
126.62
0.0074
87.69
0.88
–21.14
650
0.59
–86.84
6.23
122.98
0.0079
91.07
0.88
–24.77
700
0.57
–92.30
6.03
119.16
0.0085
103.71
0.87
–28.09
750
0.55
–97.73
5.80
115.55
0.0098
103.73
0.87
–31.38
800
0.54
–102.99
5.56
111.56
0.0107
113.57
0.86
–34.82
850
0.53
–108.21
5.24
107.93
0.0121
115.45
0.86
–38.18
900
0.52
–113.27
4.97
105.40
0.0134
124.98
0.86
–41.51
950
0.51
–118.12
4.75
104.08
0.0155
127.67
0.86
–44.72
1000
0.51
–122.43
4.62
102.52
0.0175
128.87
0.86
–47.96
1050
0.51
–126.73
4.52
99.54
0.0193
128.89
0.86
–51.12
1100
0.50
–130.83
4.34
96.33
0.0217
129.85
0.86
–54.20
1150
0.51
–134.58
4.13
93.78
0.0238
128.74
0.86
–57.23
1200
0.51
–138.20
3.94
91.13
0.0269
131.20
0.86
–60.03
1250
0.51
–141.69
3.72
88.49
0.0297
130.22
0.87
–62.72
1300
0.51
–145.12
3.46
86.84
0.032
128.07
0.87
–65.57
1350
0.52
–148.25
3.25
86.69
0.033
127.73
0.87
–68.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com