Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 5Page - NXP Semiconductors SA1921 Datasheet HTML 6Page - NXP Semiconductors SA1921 Datasheet HTML 7Page - NXP Semiconductors SA1921 Datasheet HTML 8Page - NXP Semiconductors SA1921 Datasheet HTML 9Page - NXP Semiconductors SA1921 Datasheet HTML 10Page - NXP Semiconductors SA1921 Datasheet HTML 11Page - NXP Semiconductors SA1921 Datasheet HTML 12Page - NXP Semiconductors SA1921 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
9
AC ELECTRICAL CHARACTERISTICS
High-Band, Single Mode of Operation
LNA and Image Reject Mixer
VCC = +3.75 V, FreqRF = 1550 MHz, FreqLO = 1713 MHz, PLOin = –3 dBm, TA = +25_C; unless otherwise stated.
PARAMETERS
MIN
–3
s
TYP.
+3
s
MAX
UNITS
NOTES
RF Input Frequency Range
1515
1600
MHz
IF Frequency
150
163
185
MHz
LO Frequency
1665
1785
MHz
Power Gain
21.5
22.2
22.9
dB
Power Gain Reduction (Strong Signal Mode—LNA Off)
34
47
60
dB
Noise Figure
3.7
3.9
4.1
dB
Input Impedance, RF Port
50
W
Return Loss at Inputs
–10
dB
1
LO leakage at RF Port
–48
dBm
1 dB RF Input Compression Point
–24
dBm
IP3 (3RD Order Intermodulation Product)
Referred to the RF Input Port
–14
–11.5
–9
dBm
(2 x LO) – (2 x RF) Spur Performance
–50 dBm IN Referred to RF Input Port
–62
dBc
50 dBm IN Referred to RF In ut Port
Measure at LO = 1688 MHz and RF = 1606 MHz
(3 x LO) – (3 x RF) Spur Performance.
–50 dBm IN Referred to RF Input Port.
Measure at LO = 1688 MHz and RF = 1634 MHz.
–102
dBc
Image rejection, fRX+2fIF
Referred to the RF Input Port
31.5
34
36.5
dB
LO Input Power
–5
–3
–1
dBm
Turn ON/OFF Time
10
msec
High-Band LO Buffer
VCC = +3.75 V, FreqLO = 1713 MHz, PLOin = –3 dBm, TA = +25_C; unless otherwise stated.
PARAMETERS
MIN
–3
s
TYP.
+3
s
MAX
UNITS
NOTES
LO Frequency Range
1665
1785
MHz
Differential Output Power
–9
dBm
Differential Output Impedance
100
W
Harmonic Content
–20
dBc
Input Power
–5
–3
–1
dBm
Input Impedance
50
W
1
Turn On/Off Time
10
msec
NOTE:
1. External matching network is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com