Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA1921 Datasheet HTML 4Page - NXP Semiconductors SA1921 Datasheet HTML 5Page - NXP Semiconductors SA1921 Datasheet HTML 6Page - NXP Semiconductors SA1921 Datasheet HTML 7Page - NXP Semiconductors SA1921 Datasheet HTML 8Page - NXP Semiconductors SA1921 Datasheet HTML 9Page - NXP Semiconductors SA1921 Datasheet HTML 10Page - NXP Semiconductors SA1921 Datasheet HTML 11Page - NXP Semiconductors SA1921 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
1999 Mar 02
8
AC ELECTRICAL CHARACTERISTICS
Low-Band, Dual Mode of Operation
VCC = +3.75 V, FreqRF = 943 MHz, FreqLO = 1106 MHz, PLOin = –3 dBm, TA = +25_C; unless otherwise stated.
PARAMETERS
Min
–3
s
TYP
+3
s
Max
UNITS
NOTES
System
RF Input Frequency Range
869
943
960
MHz
IF Frequency
163
MHz
LO Frequency
1032
1106
1123
MHz
Cascaded Power Gain; includes 3dB filter loss
21.4
22.5
23.6
dB
Power Gain Reduction (Strong Signal Mode—LNA Off)
30
36
42
dB
Cascaded Noise Figure; includes 3dB filter loss
2.6
dB
LNA
LNA Gain
17.6
18.3
19
dB
LNA IIP3 (60 kHz spacing)
–6.0
–5.0
–4.0
dBm
LNA IIP3 (200 kHz spacing)
–3.0
dBm
LNA Noise Figure
1.6
1.7
1.8
dB
LNA 1 dB RF Input Compression Point
–21.0
dBm
Mixer
Mixer Gain
6.9
7.2
7.5
dB
Mixer IIP3 (60 kHz spacing)
4.0
5.0
6.0
dBm
Mixer Noise Figure
10.4
11.0
11.6
dB
Mixer 1 dB RF Input Compression Point
–13.0
dBm
Other
Input Impedance, RF Port
50
W
Return Loss at LNA Inputs and Output
–10
dB
1
Return Loss at Mixer Input and Outputs
–10
dB
1
LO leakage at RF Port
–42
dBm
LO Input Power
–5
–3
–1
dBm
Turn ON/OFF Time
100
msec
Low-Band LO Buffer
VCC = +3.75 V, FreqLO = 1106 MHz, PLOin = –3 dBm, TA = +25_C; unless otherwise stated.
PARAMETERS
Min
–3
s
TYP.
+3
s
Max
UNITS
NOTES
LO Frequency
1032
1106
1123
MHz
Differential Output Power
–7
dBm
Differential Output Impedance
100
W
Harmonic Content
–20
dBc
Input Power
–5
–3
–1
dBm
Input Impedance
50
W
1
Turn On/Off Time
10
msec
NOTE:
1. External matching network is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com