Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1921 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA1921
Description  Satellite and cellular dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1921 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA1921 Datasheet HTML 1Page - NXP Semiconductors SA1921 Datasheet HTML 2Page - NXP Semiconductors SA1921 Datasheet HTML 3Page - NXP Semiconductors SA1921 Datasheet HTML 4Page - NXP Semiconductors SA1921 Datasheet HTML 5Page - NXP Semiconductors SA1921 Datasheet HTML 6Page - NXP Semiconductors SA1921 Datasheet HTML 7Page - NXP Semiconductors SA1921 Datasheet HTML 8Page - NXP Semiconductors SA1921 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Philips Semiconductors
Product specification
SA1921
Satellite and cellular dual-band RF front-end
2
1999 Mar 02
853–2121 20917
DESCRIPTION
The SA1921 is an integrated dual-band RF front-end that operates
at both cellular (AMPS, DAMPS, and GSM) and satellite
(1515–1600 MHz) frequencies, and is designed in a 13 GHz fT
BiCMOS process—QUBiC1. The low-band is a combined low-noise
amplifier (LNA) and mixer. The LNA has a 1.7 dB noise figure at 943
MHz with 18.3 dB of gain and an IIP3 of –5 dBm. The wide-dynamic
range mixer has a 11 dB noise figure at 943 MHz with 7.2 dB of gain
and an IIP3 of +5 dBm.
The high-band contains a receiver front-end, and a high frequency
transmit mixer intended for closed loop transmitters. One advantage
of the high-band architecture is an image-rejection mixer with over
30 dB of image rejection; thus, eliminating external filter cost while
saving board space. The system noise figure is 3.9 dB at 1550 MHz
with a power gain of 22.2 dB and an IIP3 of –11.5 dB.
FEATURES
• Low current consumption
• Outstanding low- and high-band noise figure
• Excellent gain stability versus temperature and supply
• Image reject high-band mixer with over 30 dB of rejection
• Increased low-band LNA gain compression during analog
transmission
• LO input and output buffers
• On chip logic for network selection and power down
• Very small outline package
APPLICATIONS
• 800 to 1000 MHz analog and digital receivers
• 1515 to 1600 MHz digital receivers
• Portable radios
• Digital mobile communications equipment
PIN CONFIGURATION
GND
SR01732
21
22
23
24
25
26
27
28
29
30
31
37
38
39
40
41
42
43
1
2
3
4
5
6
18
19
20
7
8
9
10
11
12
44
45
46
47
48
32
33
34
35
36
15
16
17
13
14
Rx ON
LOW BAND LO A
LOW BAND LO A
HIGH BAND LO B
HIGH BAND LO A
GND
LOW BAND IF B
LOW BAND IF A
HIGH BAND IF B
HIGH BAND IF A
SYN ON
HI/LO
N/C
GND
STRONG SIGNAL
GND
HIGH BAND LNA IN
LOW BAND LNA IN
GND
LOW BAND LNA OUT
N/C
V CC
GND
Figure 1.
Pin Configuration
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SA1921
LQFP48
Plastic low profile quad flat package; 48 leads; body 7x7x1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com