Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA9024 Datasheet HTML 1Page - NXP Semiconductors SA9024 Datasheet HTML 2Page - NXP Semiconductors SA9024 Datasheet HTML 3Page - NXP Semiconductors SA9024 Datasheet HTML 4Page - NXP Semiconductors SA9024 Datasheet HTML 5Page - NXP Semiconductors SA9024 Datasheet HTML 6Page - NXP Semiconductors SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
5
OPERATING MODES & POWER DOWN CONTROL
There are two power saving modes of operation which the SA9024
can be put into, dependent on the status of the system. The
intention of these different modes is to disable circuity that is not in
use at the time in order to reduce power consumption. During sleep
mode, only circuitry which is required to provide a master clock to
the digital portion of the system is enabled. During receive mode,
circuitry which is used to perform the receive function and provide a
master clock is enabled. In transmit mode all the functions of the
chip are enabled which are required to perform transmit, receive and
provide master clock.
SA9024 POWER MODE TRUTH TABLE
Sleep Mode
Receive Mode
Transmit Mode
Enabled
yes
no
yes
no
yes
no
Crystal Oscillator



Phase detector and charge pump (transmit offset)



VCO



SSB Up-converter



MCLK Buffer



RCLK Buffer



÷M offset loop divider



TXLO Buffer



RXLO Buffer



I/Q Modulator



Variable Gain Amp.



Control Logic



Main Divider



Reference Divider



Auxiliary Divider



Main Phase Detector and charge pump



Auxiliary Phase Detector and charge pump



Lock Detect






Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com