Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 6Page - NXP Semiconductors SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors SA9024 Datasheet HTML 10Page - NXP Semiconductors SA9024 Datasheet HTML 11Page - NXP Semiconductors SA9024 Datasheet HTML 12Page - NXP Semiconductors SA9024 Datasheet HTML 13Page - NXP Semiconductors SA9024 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
10
Functional Description Main Channel Synthesizer
& Auxiliary Synthesizer
SERIAL INPUT + PROGRAM LATCHES
MAIN DIVIDERS
NORMAL
OUTPUT
CHARGE
PUMP
INTEGRAL
OUTPUT
CHARGE
PUMP
AUXILIARY
OUTPUT
CHARGE
PUMP
MAIN
PHASE
DETECTOR
MAIN
REFERENCE
SELECT
SPEED-UP
OUTPUT
CHARGE
PUMP
REFERENCE DIVIDER
÷2
÷2
÷2
AUXILIARY
REFERENCE
SELECT
AUXILIARY
PHASE
DETECTOR
AUXILIARY DIVIDER
DATA
CLOCK
STROBE
INM1
INM2
INR
INA
FB
RN
PHP
PHI
RN
PHA
LOCK
PD1
NMAIN
FMOD
NF
16
3
FDAC
8
2
PD1
NR
PD1 + PD2
12
SA
PD2
NAUX
2
SM
PD2
2
2
14
FRACTIONAL
ACCUMULATOR
FB
1
SR01112
FDAC
8
FDAC
8
FDAC
8
Figure 4.
Synthesizer Block Diagram
Serial Programming Input
The serial input is a 3-wire input (CLOCK, DATA, STROBE) used to
program all counter ratios, DACs, selection and enable bits. The
programming data is structured into 24-bit words; each word
includes 2 or 3 address bits. Figure [5] shows the timing diagram of
the serial input. When STROBE = L, the clock driver is enabled and
on positive edges of the CLOCK, the signal on DATA input is
clocked into a shift register. When STROBE = H, the clock is
disabled and the data in the shift register remains stable.
Depending on the 2 or 3 address bits, data is latched into different
working or temporary registers. In order to fully program the
synthesizer, 3 words must be sent: A, B and C. The D word
programs all other functions within the SA9024. Those functions are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com