Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 4Page - NXP Semiconductors SA9024 Datasheet HTML 5Page - NXP Semiconductors SA9024 Datasheet HTML 6Page - NXP Semiconductors SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors SA9024 Datasheet HTML 10Page - NXP Semiconductors SA9024 Datasheet HTML 11Page - NXP Semiconductors SA9024 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
8
Synthesizer
Main Divider
fMMAX
Input frequency range
800
1300
MHz
Input harmonics
No multi–clocking
–10
dBc
RXLO 1/2
Synthesizer LO input (AC-coupled;
external shunt 50
Ω single-ended,
100
Ω differential)
Input power
–20
0
dBm
Reference Divider
fRMAX
Input frequency RANGE
10
40
MHz
Input harmonics
No multi–clocking
–10
dBc
Auxiliary Divider
fAMAX
Input frequency RANGE
10
500
MHz
Input harmonics
No multi–clocking
–10
dBc
VINA
Input signal amplitude
0.200
VP-P
Serial Interface
fCLOCK
Clock frequency
10
MHz
tSU
Set-up time: DATA to CLOCK, CLOCK to
STROBE
30
ns
tH
Hold time: CLOCK to DATA
30
ns
CLOCK
30
tSW
Pulse width
STROBE (B - D words)
30
ns
tSW
Pulse width
A word
f
1
REF @ NREF
) t
W
ns
1. Transmit mode @ 33% duty cycle.
2. The relative output current variation is defined thus:
DIout/Iout=2x(I2–I1)/|(I2+I1)|; with V1=0.7V, V2=VCC–0.8V (see figure 3)
3. Power supply current measured with
ƒRX = 2100.54 MHZ, ƒREF = 19.44 MHz, ƒINA= 109.92 MHz, main phase detector bias resistor = 7.5 kW.
Main phase detector reference frequency = 240 kHz, auxiliary phase detector frequency = 240 kHz.
4. Maximum and minimum levels guaranteed by design and random testing for temperature range of –40 to +85
°C.
5. Power is rated at I/Q input level of 0.9VPP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com