Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors SA9024 Datasheet HTML 10Page - NXP Semiconductors SA9024 Datasheet HTML 11Page - NXP Semiconductors SA9024 Datasheet HTML 12Page - NXP Semiconductors SA9024 Datasheet HTML 13Page - NXP Semiconductors SA9024 Datasheet HTML 14Page - NXP Semiconductors SA9024 Datasheet HTML 15Page - NXP Semiconductors SA9024 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
12
Table 1. Function Table
Symbol
Bits
Function
FMOD
1
Fractional-N modulus selection flag:
‘0’ = modulo 8
‘1’ = modulo 5
NF
3
Fractional-N increment
NMAIN
16
Main divider ratio; 512 to 65,535 allowed
NREF
10
Reference divider ratio; 4 to 1,023 allowed,
RSM, RSA = “0 0”
RSM
2
Reference select for main phase detector
RSA
2
Reference select for auxiliary phase detector
FDAC
8
Fractional compensation charge pump current
DAC
NAUX
14
Auxiliary divider ratio; 128 to 16,384 allowed
CP
2
Charge pump current ratio select (see table 1)
LD
2
Lock detect output select (see table 2)
PD1
1
PD1 = 0 for power down; shuts off power to
main divider and main chargepumps, anded
with PD2 to turn off ref. divider.
PD2
1
PD2 = 0 for power down; shuts off power to
auxiliary divider, and auxiliary charge pumps;
anded with PD1 to turn off ref. divider.
PC
8
Power control (see note 3)
M
2
÷M, M = 6, 7, 8, 9 (see note 4)
SE
1
Transmit offset synthesizer on/off
TM
1
Transmit mode: ‘0’ = DUAL
AD
1
Mode control, 1 = digital; 0 = analog
SM1
1
Sleep mode 1
SM2
1
Sleep mode 2
1. Data bits are shifted in on the the leading clock edge, with the
least significant bit (LSB) first and the most significant bit (MSB)
last.
2. On the rising edge of the strobe and with the address decoder
output = 1, the contents of the input shift register are transferred
to the working registers. The strobe rising edge comes one half
clock period after the clock edge on which the MSB of a word is
shifted in.
3. The PC bits are used for the power control function. Eight (8)
bits of data allows for appropriate resolution of the power control.
00000000 = 0 dB: 11111111 = –45.9 dB (= 255
 0.18).
4. The M bits are used to program the
÷M counter for integer values
between 6 and 9. 00 = 6, 01 = 7, 10 = 8, 11 = 9.
5. The TM bit is used to put the SA9024 into DUAL mode operation.
In DUAL mode (TM = 0).
6. The AD bit allows a reduction in the linearity of the DUAL output
driver while in AMPS mode.
7. The SM1 bit is used to shut down the TXLO buffers. SM1 = 1,
buffers on; SM1 = 0, buffers off.
8. The SM2 bit is used to shut down the RCLK buffer. SM2 = 1,
buffer on; SM2 = 0, buffer off.
9. The SE bit turns on and off the offset loop synthesizer circuits.
SE = 1, synthesizer on; SE = 0, synthesizer off.
10. The LOCK bits determine what signal is present on the LOCK
pin as follows:
Table 2.
Lock Detect Output Select*
LOCK
LOCK Pin Function
00
Main, auxiliary and offset lock condition
01
Main and auxiliary lock condition
10
Main lock detect condition
11
Auxiliary lock condition
*When a section is in power down mode, the lock indicator for that
section is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com