Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 15Page - NXP Semiconductors SA9024 Datasheet HTML 16Page - NXP Semiconductors SA9024 Datasheet HTML 17Page - NXP Semiconductors SA9024 Datasheet HTML 18Page - NXP Semiconductors SA9024 Datasheet HTML 19Page - NXP Semiconductors SA9024 Datasheet HTML 20Page - NXP Semiconductors SA9024 Datasheet HTML 21Page - NXP Semiconductors SA9024 Datasheet HTML 22Page - NXP Semiconductors SA9024 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
19
SR01451
R
X
P
N
REF DIVIDER
AUX/MAIN
DIVIDER
D
Q
CLK
“1”
R
D
R
CLK
“1”
X
Q
N
P
τ
VDDA
GND
PH
VSSA
P–TYPE
CHARGE PUMP
N–TYPE
CHARGE PUMP
R
INR
INR
IPH
Figure 9.
Phase Detector Structure With Timing
Main Output Charge Pumps and Fractional
Compensation Currents
The main charge pumps on pin PHP and PHI are driven by the main
phase detector. The current value is determined by the current at
pin RN. The fractional compensation current is linearly dependent
on the main charge pump current and its level relative to the main
charge pumps is set by an 8-bit programmable DAC. The timing for
the fractional compensation is derived from the main divider. The
current level based on the value of FRD, FDAC and ISET. Figure 10
shows the waveforms (not to scale) for a typical base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com