Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 10Page - NXP Semiconductors SA9024 Datasheet HTML 11Page - NXP Semiconductors SA9024 Datasheet HTML 12Page - NXP Semiconductors SA9024 Datasheet HTML 13Page - NXP Semiconductors SA9024 Datasheet HTML 14Page - NXP Semiconductors SA9024 Datasheet HTML 15Page - NXP Semiconductors SA9024 Datasheet HTML 16Page - NXP Semiconductors SA9024 Datasheet HTML 17Page - NXP Semiconductors SA9024 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
14
TXen
STROBE
SYNen
80
mS
6.67mS
SR01538
Figure 7.
Transmit Offset Synthesizer Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com