Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 9Page - NXP Semiconductors SA9024 Datasheet HTML 10Page - NXP Semiconductors SA9024 Datasheet HTML 11Page - NXP Semiconductors SA9024 Datasheet HTML 12Page - NXP Semiconductors SA9024 Datasheet HTML 13Page - NXP Semiconductors SA9024 Datasheet HTML 14Page - NXP Semiconductors SA9024 Datasheet HTML 15Page - NXP Semiconductors SA9024 Datasheet HTML 16Page - NXP Semiconductors SA9024 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
13
SR01449
D
Q
CLK
(1)
DQ
CLK
R
Q
D
VCC
TXEN
TEMPORARY REGISTER
SE
SYNEN
(2)
CLOCK
DATA
WORKING REGISTER
R
Q
STROBE
Q
Q
R
CLK
(2)
Figure 6.
Transmit Offset Synthesizer Reset Circuit
In Figure 6, the falling edge of the strobe and address, inverted,
toggles the Q output of flip-flop (1) to a ‘1’ state, enabling the phase
detector, VCO, divide by M, TXIF buffer and SSB up-converter.
Approximately 80
µs after the synthesizer is locked, the TXEN signal
(enabled = 1) turns on the modulator and variable gain amplifier.
The rising edge of TXEN has no effect on SYNEN, however, the
falling (rising inverted) edge toggles the Q output of D flip-flop (2) to
a ‘0’ state. This disables the synthesizer, modulator and variable
gain amplifier. To insure that slow edges on TXEN do not cause
improper operation, the TXEN is a Schmitt trigger design.
The address decoder for program word ‘D’ ANDed together with the
strobe is used to load the contents of the temporary register into the
working registers. D flip-flop (3) is used to prevent multiple strobe
and address pulses in the event the address decoder output toggles
on garbage bits during the time the strobe remains in a ‘1’ state.
The temporary register is common to the transmit offset synthesizer,
main channel synthesizer and auxiliary synthesizer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com