Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors SA9024 Datasheet HTML 10Page - NXP Semiconductors SA9024 Datasheet HTML 11Page - NXP Semiconductors SA9024 Datasheet HTML 12Page - NXP Semiconductors SA9024 Datasheet HTML 13Page - NXP Semiconductors SA9024 Datasheet HTML 14Page - NXP Semiconductors SA9024 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
11
power control,
÷M (offset loop), SE (Tx offset loop synthesizer
enable), DUAL mode, Sleep Mode 1 and Sleep Mode 2.
The data for FDAC is stored by the B word into a temporary register.
When the A word is loaded, the data in this temporary register is
loaded together with the A word into the work registers to avoid false
temporary main synthesizer output caused by changes in fractional
compensation.
The A word contains new data for the main divider. The A word is
loaded into the working registers only when a main divider
synchronization signal is active to avoid phase jumps when
reprogramming the main divider. The synchronization pulse is
generated by the main divider when it has reached its terminal
count, at which time a main divider output pulse is also sent to the
main phase detector. This disables the loading of the A word each
main divider cycle during maximum of (NREF /
ƒREF) seconds.
Therefore, to be sure that the A word will be correctly loaded, the
STROBE signal must be high for at least (NREF /
ƒREF) seconds.
When programming the A word, the main charge pumps on output
PHP and PHI are set into the speed–up mode as soon as the A
word is latched into the working registers and remain so as long as
STROBE is held high.
SR01447
DATA
D0
CLOCK
STROBE
CLOCK ENABLED–SHIFT IN DATA
CLOCK
DISABLED
STORE DATA
tSU
LAST
CLOCK
FIRST
CLOCK
tSU
tH
tSU
D1
D21
D23
D0
VALID DATA CHANGE
Figure 5.
Serial Input Timing Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com