Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 2Page - NXP Semiconductors SA9024 Datasheet HTML 3Page - NXP Semiconductors SA9024 Datasheet HTML 4Page - NXP Semiconductors SA9024 Datasheet HTML 5Page - NXP Semiconductors SA9024 Datasheet HTML 6Page - NXP Semiconductors SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors SA9024 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
6
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
MIN.
MAX.
VCC
Supply voltage
-0.3
+4.5
V
VIN
Voltage applied to any other pin
-0.3
VCC+0.3
V
PN
Power dissipation, TA = 25°C (still air)
980
mW
TJMAX
Operation junction temperature
TBD
°C
PMAX
Power input/output
+10/+14
dBm
IMAX
DC current into any I/O pin
-10
+10
mA
TSTG
Storage temperature
–65
+150
°C
To
Operating temperature
-40
+85
°C
DC ELECTRICAL CHARACTERISTICS
VCC = +3.75 V; TA = 25°C; unless otherwise stated.
SYMBO
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
L
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Power supply range
3.6
3.75
3.9
V
Sleep mode
2
Standby mode
17
ICC
Supply current
Operating: full power analog
95
mA
CC
y
Operating: full power digital
DUAL1
52
DUAL1
52
I / I
In-phase differential input
quiescent
VCC /2
V
Q / Q
Quadrature phase differential input
quiescent
VCC /2
V
VIL
Clock, Data, Strobe, TXEN
Input logic low
–0.3
0.3
× VCC
V
VIH
Clock, data, strobe, TXEN
Input logic high
0.7
× VCC
VCC+0.3
V
TA
Ambient temperature range
-40
+25
+85
°C
Digital Outputs Lock
VO
Output voltage LOW
IO = 2mA
04
V
VOL
Output voltage LOW
IO = 2mA
0.4
V
VOH
Output voltage HIGH
IO = -2mA
VCC – 0.4
V
Charge Pump Current Setting Resistor Input; RN, RIpeak
RN
External resistor to ground
6
75
24
k
W
RN
External resistor to ground
6
7.5
24
k
W
RIpeak
External resistor to ground
4.7
k
W
VRN
Regulated voltage
RN = 7.5 k
W
1.23
V
VIpeak
Regulated voltage
Ripeak = 4.7 kW
1.3
V
Ipeak
PHSOUT programming
Ripeak = 4.7 kW
0.26
mA
PHSgain
PHSOUT gain
Ripeak = 4.7 kW
24xIpeak
mA
K
f
PD phase gain
Transmit offset PLL in phase lock
4.33
mA/rad
Charge Pump Outputs (including fractional compensation pump, not PHS) RN = 7.5 k
W
IO
Charge pump output current error
15
15
%
IOPH
g
versus expected current.
–15
15
%
IMATCH
Sink to source current matching
VPHX = VCC/2
–5
5
%
Current output variation versus VPHX
VPHX in compliance range
–10
10
%
Charge pump off, leakage current
VPHX = VCC/2
–10
"1
10
nA
VPH
Charge pump voltage compliance3
0.7
VCC – 0.8
V
Charge Pump Outputs (only PHS) Ripeak = 4.7 kW
IO
Charge pump output current error
15
15
%
IOPH
g
versus expected current.
–15
15
%
IMATCH
Sink to source current matching
VPHS = VCC/2
–10
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com