Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 14Page - NXP Semiconductors SA9024 Datasheet HTML 15Page - NXP Semiconductors SA9024 Datasheet HTML 16Page - NXP Semiconductors SA9024 Datasheet HTML 17Page - NXP Semiconductors SA9024 Datasheet HTML 18Page - NXP Semiconductors SA9024 Datasheet HTML 19Page - NXP Semiconductors SA9024 Datasheet HTML 20Page - NXP Semiconductors SA9024 Datasheet HTML 21Page - NXP Semiconductors SA9024 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
18
SR01440
RSA = “11”
RSA = “10”
RSA = “01”
RSA = “00”
RSM = “11”
RSM = “10”
RSM = “01”
RSM = “00”
MAIN SELECT
AUXILIARY SELECT
REFERENCE
INPUT
DIVIDE BY NREF
/2
/2
/2
Figure 8.
Reference Variable Divider
Phase Detectors (Figure 9)
The auxiliary and main phase detectors each consist of a 2 D-type
flip-flop phase and frequency detector. Each flip-flop is set by the
negative edge of the divider terminal count output pulse. The reset
inputs are activated after a delay when both flip-flops have been set.
This avoids non-linearity or dead-band around zero phase error.
The flip-flops drive on-chip charge pumps. A pull-up current from
the charge pump indicates the VCO frequency shall be increased
while a pull-down pulse indicates the VCO frequency shall be
decreased.
Current Settings
The IC has two current setting pins, RN and IPEAK. The active
charge pump currents and the fractional compensation currents are
linearly dependent on the current in the current setting pins. This
current, ISET, is set by an external resistor connected between the
current setting pin and VSS.
Auxiliary Output Charge Pumps
The auxiliary charge pumps on pin PHA are driven by the auxiliary
phase detector and the current value is determined by the external
resistor attached to pin RN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com