Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 12Page - NXP Semiconductors SA9024 Datasheet HTML 13Page - NXP Semiconductors SA9024 Datasheet HTML 14Page - NXP Semiconductors SA9024 Datasheet HTML 15Page - NXP Semiconductors SA9024 Datasheet HTML 16Page - NXP Semiconductors SA9024 Datasheet HTML 17Page - NXP Semiconductors SA9024 Datasheet HTML 18Page - NXP Semiconductors SA9024 Datasheet HTML 19Page - NXP Semiconductors SA9024 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
16
Table 3.
Main and auxiliary chargepump currents
CP1
CP0
IPHA
IPHP
IPHP–SU
IPHI_SU
0
0
1.5xlset
3xIset
15xlset
36xlset
0
1
0.5xlset
1xlset
5xlset
12xlset
1
0
1.5xlset
3xlset
15xlset
0
1
1
0.5xlset
1xlset
5xlset
0
NOTES
1. ISET = Vset/RN; bias current for charge pumps.
2. CP1 is used to disable the PHI pump.
3. Iphp_su is the total current out of PHP in speedup mode.
D word, length 24 bits
Address
Power Control
M
divider
SE
TM
AD
Sleep
Mode
Test pa_current
1
1
0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
M1
M0
SE
TM
AD
SM1
SM2
pai5
pai4
pai3
pai2
pai1
pai0
Default:
x
x
x
x
x
x
x
x
0
0
0
0
0
0
0
0
0
0
0
0
0
D0 word select
Fixed to 110.
Output Power Control
PC7(msb)...PC0(Isb)
Provides output power attenuation for DUAL mode amplifier outputs in 0.18 dB steps, Fx = 45.9 dB.
M Divider
00 = 6, 01 = 7, 10 = 8, 11 = 9
Offset loop power down
SE Offset loop synthesizer power down, SE = 1 power on, SE = 0 power down (sleep mode).
DUAL mode select
TM = 0 DUALmode
AMPS/DAMPS mode select
AD = 1
DAMPS mode.
AD = 0
AMPs mode
TX buffers power down
SM1
TX Local oscillator buffers power down. SM1 = 1 power on, SM1 = 0 to power down.
SM2
RCLK buffer power down. SM2 = 1 power on, SM2 = 0 to power down.
Test: pa_current:pai
TX test bits for controlling the current in the power amp. Should be 0 during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com