Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9024 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA9024 Datasheet HTML 1Page - NXP Semiconductors SA9024 Datasheet HTML 2Page - NXP Semiconductors SA9024 Datasheet HTML 3Page - NXP Semiconductors SA9024 Datasheet HTML 4Page - NXP Semiconductors SA9024 Datasheet HTML 5Page - NXP Semiconductors SA9024 Datasheet HTML 6Page - NXP Semiconductors SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
3
CONNECTIONS
SR01455
PHP
V
RX
GND
GND
Ipeak
TANK1
XTAL
TX
DATA
CLOCK
LOCK
STROBE
GND
I
Q
CC
V CC
VCC
LO1
RXLO2
TXLO1
TXLO2
PHS out
EN
2
MAIN
DIV.
MAIN PD
and CP
AUX.
DIV.
AUX PD
and CP
REF.
DIV.
CONTROL
LOGIC
0
90
0
90
∑
∑
0
90
∅
Q
I
÷M
÷N
÷A
Figure 2.
SA9024 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com