Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 32 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 32 Page - Cree LED

Back Button XPL2 Datasheet HTML 26Page - Cree LED XPL2 Datasheet HTML 27Page - Cree LED XPL2 Datasheet HTML 28Page - Cree LED XPL2 Datasheet HTML 29Page - Cree LED XPL2 Datasheet HTML 30Page - Cree LED XPL2 Datasheet HTML 31Page - Cree LED XPL2 Datasheet HTML 32Page - Cree LED XPL2 Datasheet HTML 33Page - Cree LED XPL2 Datasheet HTML 34Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
32
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 6 -
page 8 for order codes of XLamp XP-L2 LEDs that could serve as alternatives for the order codes set forth below.
XP-L2 ANSI, T
J = 85 °C
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
No Minimum CRI
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
DT
7000 K
V5
460
XPLBWT-00-0000-
0000V50DT
XPLBWT-00-0000-
000BV50DT
V4
440
XPLBWT-00-0000-
0000V40DT
XPLBWT-00-0000-
000BV40DT
V3
420
XPLBWT-00-0000-
000HV30DT
V2
400
XPLBWT-00-0000-
000HV20DT
CB
6500 K
V6
480
XPLBWT-00-0000-
0000V60CB
V5
460
XPLBWT-00-0000-
0000V50CB
XPLBWT-00-0000-
000BV50CB
V4
440
XPLBWT-00-0000-
0000V40CB
XPLBWT-00-0000-
000BV40CB
V3
420
XPLBWT-00-0000-
000HV30CB
V2
400
XPLBWT-00-0000-
000HV20CB
U6
380
XPLBWT-00-0000-
000UU60CB
U5
360
XPLBWT-00-0000-
000UU50CB
E1
6500 K
V6
480
XPLBWT-00-0000-
0000V60E1
V5
460
XPLBWT-00-0000-
0000V50E1
XPLBWT-00-0000-
000BV50E1
V4
440
XPLBWT-00-0000-
0000V40E1
XPLBWT-00-0000-
000BV40E1
V3
420
XPLBWT-00-0000-
000HV30E1
V2
400
XPLBWT-00-0000-
000HV20E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com