Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 16 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 16 Page - Cree LED

Back Button XPL2 Datasheet HTML 12Page - Cree LED XPL2 Datasheet HTML 13Page - Cree LED XPL2 Datasheet HTML 14Page - Cree LED XPL2 Datasheet HTML 15Page - Cree LED XPL2 Datasheet HTML 16Page - Cree LED XPL2 Datasheet HTML 17Page - Cree LED XPL2 Datasheet HTML 18Page - Cree LED XPL2 Datasheet HTML 19Page - Cree LED XPL2 Datasheet HTML 20Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
16
PERFORMANCE GROUPS - CHROMATICITY
Region
x
y
Region
x
y
Region
x
y
Region
x
y
0A
0.2950
0.2970
0B
0.2920
0.3060
0C
0.2984
0.3133
0D
0.2984
0.3133
0.2920
0.3060
0.2895
0.3135
0.2962
0.3220
0.3048
0.3207
0.2984
0.3133
0.2962
0.3220
0.3028
0.3304
0.3068
0.3113
0.3009
0.3042
0.2984
0.3133
0.3048
0.3207
0.3009
0.3042
0R
0.2980
0.2880
0S
0.2895
0.3135
0T
0.2962
0.3220
0U
0.3037
0.2937
0.2950
0.2970
0.2870
0.3210
0.2937
0.3312
0.3009
0.3042
0.3009
0.3042
0.2937
0.3312
0.3005
0.3415
0.3068
0.3113
0.3037
0.2937
0.2962
0.3220
0.3028
0.3304
0.3093
0.2993
1A
0.3048
0.3207
1B
0.3028
0.3304
1C
0.3115
0.3391
1D
0.3130
0.3290
0.3130
0.3290
0.3115
0.3391
0.3205
0.3481
0.3213
0.3373
0.3144
0.3186
0.3130
0.3290
0.3213
0.3373
0.3221
0.3261
0.3068
0.3113
0.3048
0.3207
0.3130
0.3290
0.3144
0.3186
1R
0.3068
0.3113
1S
0.3005
0.3415
1T
0.3099
0.3509
1U
0.3144
0.3186
0.3144
0.3186
0.3099
0.3509
0.3196
0.3602
0.3221
0.3261
0.3161
0.3059
0.3115
0.3391
0.3205
0.3481
0.3231
0.3120
0.3093
0.2993
0.3028
0.3304
0.3115
0.3391
0.3161
0.3059
2A
0.3215
0.3350
2B
0.3207
0.3462
2C
0.3290
0.3538
2D
0.3290
0.3417
0.3290
0.3417
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3300
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3222
0.3243
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
2R
0.3222
0.3243
2S
0.3196
0.3602
2T
0.3290
0.3690
2U
0.3290
0.3300
0.3290
0.3300
0.3290
0.3690
0.3381
0.3762
0.3366
0.3369
0.3290
0.3180
0.3290
0.3538
0.3376
0.3616
0.3361
0.3245
0.3231
0.3120
0.3207
0.3462
0.3290
0.3538
0.3290
0.3180
3A
0.3371
0.3490
3B
0.3376
0.3616
3C
0.3463
0.3687
3D
0.3451
0.3554
0.3451
0.3554
0.3463
0.3687
0.3551
0.3760
0.3533
0.3620
0.3440
0.3427
0.3451
0.3554
0.3533
0.3620
0.3515
0.3487
0.3366
0.3369
0.3371
0.3490
0.3451
0.3554
0.3440
0.3427
4A
0.3530
0.3597
4B
0.3548
0.3736
4C
0.3641
0.3804
4D
0.3615
0.3659
0.3615
0.3659
0.3641
0.3804
0.3736
0.3874
0.3702
0.3722
0.3590
0.3521
0.3615
0.3659
0.3702
0.3722
0.3670
0.3578
0.3512
0.3465
0.3530
0.3597
0.3615
0.3659
0.3590
0.3521
5A
0.3702
0.3722
5B
0.3736
0.3874
5C
0.3870
0.3958
5D
0.3825
0.3798
0.3825
0.3798
0.387
0.3958
0.4006
0.4044
0.3951
0.3876
0.3783
0.3646
0.3825
0.3798
0.3951
0.3876
0.3898
0.3716
0.367
0.3578
0.3702
0.3722
0.3825
0.3798
0.3783
0.3646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com