Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 1 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 1 Page - Cree LED

  XPL2 Datasheet HTML 1Page - Cree LED XPL2 Datasheet HTML 2Page - Cree LED XPL2 Datasheet HTML 3Page - Cree LED XPL2 Datasheet HTML 4Page - Cree LED XPL2 Datasheet HTML 5Page - Cree LED XPL2 Datasheet HTML 6Page - Cree LED XPL2 Datasheet HTML 7Page - Cree LED XPL2 Datasheet HTML 8Page - Cree LED XPL2 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
1
XLamp® XP-L2 LEDs
PRODUCT DESCRIPTION
The XLamp® XP-L2 LED is Cree LED’s
highest performing high-density discrete
LED. Leveraging key elements of Cree LED’s
SC5 Technology® Platform, the high-power
XP-L2 LED improves the lumen density,
voltage characteristics and reliability of the
XP-L LED in the same 3.45 mm x 3.45 mm
package. This best-in-class performance
enables lighting manufacturers to deliver
differentiated solutions at lower system
costs for applications such as roadway,
outdoor area, spot and high-bay lighting.
FEATURES
• Available in white, 70-CRI white, 80-CRI
white and 90-CRI white
• Broadcast color option at 5700 K
provides maximum performance for TV
events that require extremely high TLCI
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 3000 mA
• Low thermal resistance: 0.6 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• Electrically neutral thermal path
• RoHS and REACH compliant
• UL® recognized component (E349212)
TABLE OF CONTENTS
Characteristics ............................................... 2
Order Codes Suggested for New Designs -
EasyWhite® Order Codes and Bins................ 3
Order Codes Suggested for New Designs -
ANSI Order Codes and Bins........................... 6
Flux Characteristics - Broadcast Order
Codes and Bins ............................................ 10
Relative Spectral Power Distribution .......... 11
Relative Flux vs. Junction Temperature...... 11
Electrical Characteristics............................. 12
Relative Flux vs. Current .............................. 12
Relative Chromaticity vs. Current................ 13
Relative Chromaticity vs. Temperature....... 13
Typical Spatial Distribution.......................... 14
Thermal Design............................................ 14
Performance Groups - Luminous Flux........ 15
Performance Groups - Chromaticity........... 16
EasyWhite® Kits Plotted on ANSI Standard
Chromaticity Regions .................................. 18
ANSI Kits Plotted on ANSI Standard
Chromaticity Regions .................................. 19
Standard Chromaticity Kits ......................... 21
Bin and Order Code Formats....................... 21
Reflow Soldering Characteristics................ 22
Notes ............................................................ 23
Mechanical Dimensions .............................. 25
Tape and Reel............................................... 27
Packaging..................................................... 29
Appendix - Order Codes Not for New
Designs......................................................... 30


Similar Part No. - XPL2

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
Shielded Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
100Kb / 1P
Designer’s Kits
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
Dual 3 MHz, 1200 mA Buck
REV. A
More results

Similar Description - XPL2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com