Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 14 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 14 Page - Cree LED

Back Button XPL2 Datasheet HTML 10Page - Cree LED XPL2 Datasheet HTML 11Page - Cree LED XPL2 Datasheet HTML 12Page - Cree LED XPL2 Datasheet HTML 13Page - Cree LED XPL2 Datasheet HTML 14Page - Cree LED XPL2 Datasheet HTML 15Page - Cree LED XPL2 Datasheet HTML 16Page - Cree LED XPL2 Datasheet HTML 17Page - Cree LED XPL2 Datasheet HTML 18Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
14
TYPICAL SPATIAL DISTRIBUTION
THERMAL DESIGN
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is crucial for the end
product to be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize lamp life
and optical characteristics.
Typical Spatial Radiation Pattern
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)
Thermal Design
0
500
1000
1500
2000
2500
3000
3500
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 4°C/W
Rj-a = 7°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com