Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 11 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 11 Page - Cree LED

Back Button XPL2 Datasheet HTML 7Page - Cree LED XPL2 Datasheet HTML 8Page - Cree LED XPL2 Datasheet HTML 9Page - Cree LED XPL2 Datasheet HTML 10Page - Cree LED XPL2 Datasheet HTML 11Page - Cree LED XPL2 Datasheet HTML 12Page - Cree LED XPL2 Datasheet HTML 13Page - Cree LED XPL2 Datasheet HTML 14Page - Cree LED XPL2 Datasheet HTML 15Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
11
RELATIVE SPECTRAL POWER DISTRIBUTION
RELATIVE FLUX VS. JUNCTION TEMPERATURE (I
F = 1050 mA)
Relative Spectral Power
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5700 K, 70 CRI
3000 K, 80 CRI
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com