Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 18 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 18 Page - Cree LED

Back Button XPL2 Datasheet HTML 14Page - Cree LED XPL2 Datasheet HTML 15Page - Cree LED XPL2 Datasheet HTML 16Page - Cree LED XPL2 Datasheet HTML 17Page - Cree LED XPL2 Datasheet HTML 18Page - Cree LED XPL2 Datasheet HTML 19Page - Cree LED XPL2 Datasheet HTML 20Page - Cree LED XPL2 Datasheet HTML 21Page - Cree LED XPL2 Datasheet HTML 22Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
18
PERFORMANCE GROUPS – CHROMATICITY (CONTINUED)
EasyWhite Color Temperatures – 3-Step Ellipse
Bin Code
CCT
Center Point
Major Axis
Minor Axis
Rotation Angle
(°)
x
y
a
b
50G
5000 K
0.3447
0.3553
0.00840
0.00312
65.0
45G
4500 K
0.3611
0.3658
0.00852
0.00330
61.5
40G
4000 K
0.3818
0.3797
0.00939
0.00402
53.7
35G
3500 K
0.4073
0.3917
0.00927
0.00414
54.0
30G
3000 K
0.4338
0.4030
0.00834
0.00408
53.2
27G
2700 K
0.4577
0.4099
0.00834
0.00420
48.5
EasyWhite Color Temperatures – 5-Step Ellipse
Bin Code
CCT
Center Point
Major Axis
Minor Axis
Rotation Angle
(°)
x
y
a
b
50E
5000 K
0.3447
0.3553
0.01400
0.00520
65.0
45E
4500 K
0.3611
0.3658
0.01420
0.00550
61.5
40E
4000 K
0.3818
0.3797
0.01565
0.00670
53.7
35E
3500 K
0.4073
0.3917
0.01545
0.00690
54.0
30E
3000 K
0.4338
0.4030
0.01390
0.00680
53.2
EASYWHITE® KITS PLOTTED ON ANSI STANDARD CHROMATICITY REGIONS
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48 0.49
CCx
ANSI C78.377 Quadrangle
EasyWhite 5-Step
EasyWhite 3-Step
EasyWhite 2-Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com