Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 6 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 6 Page - Cree LED

Back Button XPL2 Datasheet HTML 2Page - Cree LED XPL2 Datasheet HTML 3Page - Cree LED XPL2 Datasheet HTML 4Page - Cree LED XPL2 Datasheet HTML 5Page - Cree LED XPL2 Datasheet HTML 6Page - Cree LED XPL2 Datasheet HTML 7Page - Cree LED XPL2 Datasheet HTML 8Page - Cree LED XPL2 Datasheet HTML 9Page - Cree LED XPL2 Datasheet HTML 10Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Notes
•
For additional order codes NOT recommended for new designs please see the Appendix section starting on page 30 .
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
6
ORDER CODES SUGGESTED FOR NEW DESIGNS - ANSI ORDER CODES AND BINS (T
J = 85 °C)
The following table provides order codes for XLamp XP-L2 LEDs. For a complete description of the order code nomenclature, please see
the Bin and Order Code Formats section (page 21). For definitions of the chromaticity kits, please see the Standard Chromaticity Kits
section (page 21).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
No Minimum CRI
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
DT
7000 K
W2
500
549
XPLBWT-00-0000-
0000W20DT
XPLBWT-00-0000-
000BW20DT
V6
480
527
XPLBWT-00-0000-
0000V60DT
XPLBWT-00-0000-
000BV60DT
V5
460
505
XPLBWT-00-0000-
000HV50DT
V4
440
483
XPLBWT-00-0000-
000HV40DT
CB
6500 K
W3
520
571
XPLBWT-00-0000-
0000W30CB
XPLBWT-00-0000-
000BW30CB
W2
500
549
XPLBWT-00-0000-
0000W20CB
XPLBWT-00-0000-
000BW20CB
V6
480
527
XPLBWT-00-0000-
000BV60CB
V5
460
505
XPLBWT-00-0000-
000HV50CB
V4
440
483
XPLBWT-00-0000-
000HV40CB
V3
420
461
XPLBWT-00-0000-
000UV30CB
V2
400
439
XPLBWT-00-0000-
000UV20CB
E1
6500 K
W3
520
571
XPLBWT-00-0000-
0000W30E1
XPLBWT-00-0000-
000BW30E1
W2
500
549
XPLBWT-00-0000-
0000W20E1
XPLBWT-00-0000-
000BW20E1
V6
480
527
XPLBWT-00-0000-
000BV60E1
V5
460
505
XPLBWT-00-0000-
000HV50E1
V4
440
483
XPLBWT-00-0000-
000HV40E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com