Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 21 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 21 Page - Cree LED

Back Button XPL2 Datasheet HTML 17Page - Cree LED XPL2 Datasheet HTML 18Page - Cree LED XPL2 Datasheet HTML 19Page - Cree LED XPL2 Datasheet HTML 20Page - Cree LED XPL2 Datasheet HTML 21Page - Cree LED XPL2 Datasheet HTML 22Page - Cree LED XPL2 Datasheet HTML 23Page - Cree LED XPL2 Datasheet HTML 24Page - Cree LED XPL2 Datasheet HTML 25Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
21
STANDARD CHROMATICITY KITS
The following table provides the chromaticity bins associated with chromaticity kits.
Color
CCT
Kit
Chromaticity Bins
Cool
White
7000 K
DT
0A, 0B, 0C, 0D, 0R, 0S, 0T, 0U, 1A, 1B, 1C, 1D, 1R, 1S, 1T, 1U
6500 K
CB
0A, 0B, 0C, 0D, 0R, 0S, 0T, 0U, 1A, 1B, 1C, 1D, 1R, 1S, 1T, 1U, 2A, 2B, 2C, 2D, 2R, 2S, 2T, 2U
6500 K
E1
1A, 1B, 1C, 1D
5700 K
DV
1A, 1B, 1C, 1D, 1R, 1S, 1T, 1U, 2A, 2B, 2C, 2D, 2R, 2S, 2T, 2U
5700 K
E2
2A, 2B, 2C, 2D
Neutral
White
5000 K
E3
3A, 3B, 3C, 3D
4500 K
E4
4A, 4B, 4C, 4D
4000 K
E5
5A, 5B, 5C, 5D
Warm
White
3500 K
E6
6A, 6B, 6C, 6D
3000 K
E7
7A, 7B, 7C, 7D
2700 K
E8
8A, 8B, 8C, 8D
BIN AND ORDER CODE FORMATS
XP-L2 bin codes and order codes are configured in the following manner:
Order Code
Bin Code
SSSCCC-BD-HHHH-HHHNFFNNN
Series
XPL = XP-L
CRI specification
0 = No minimum CRI
B = 70 CRI minimum
H = 80 CRI minimum
U = 90 CRI minimum
Z = 95 CRI minimum
Chromaticity group
Minimum luminous flux bin
Internal code
Color
BWT = Gen 2 White
Series
XPL = XP-L
Internal code
Minimum luminous flux bin
CRI specification
0 = No minimum CRI
B = 70 CRI minimum
H = 80 CRI minimum
U = 90 CRI minimum
Z = 95 CRI minimum
Internal code
Chromaticity group
Color
BWT = Gen 2 White
SSSCCC-B-WWW-FFF-GN-AAAA
order code & bin code headings and diagrams are in a table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com