Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 17 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 17 Page - Cree LED

Back Button XPL2 Datasheet HTML 13Page - Cree LED XPL2 Datasheet HTML 14Page - Cree LED XPL2 Datasheet HTML 15Page - Cree LED XPL2 Datasheet HTML 16Page - Cree LED XPL2 Datasheet HTML 17Page - Cree LED XPL2 Datasheet HTML 18Page - Cree LED XPL2 Datasheet HTML 19Page - Cree LED XPL2 Datasheet HTML 20Page - Cree LED XPL2 Datasheet HTML 21Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
17
Region
x
y
Region
x
y
Region
x
y
Region
x
y
6A
0.3941
0.3848
6B
0.3996
0.4015
6C
0.4146
0.4089
6D
0.4080
0.3916
0.4080
0.3916
0.4146
0.4089
0.4299
0.4165
0.4221
0.3985
0.4017
0.3752
0.4080
0.3916
0.4221
0.3985
0.4147
0.3814
0.3889
0.3690
0.3941
0.3848
0.4080
0.3916
0.4017
0.3752
7A
0.4221
0.3985
7B
0.4299
0.4165
7C
0.4430
0.4212
7D
0.4342
0.4028
0.4342
0.4028
0.4430
0.4212
0.4562
0.4260
0.4465
0.4071
0.4260
0.3853
0.4342
0.4028
0.4465
0.4071
0.4373
0.3893
0.4147
0.3814
0.4221
0.3985
0.4342
0.4028
0.4260
0.3853
8A
0.4465
0.4071
8B
0.4562
0.4260
8C
0.4687
0.4289
8D
0.4582
0.4099
0.4582
0.4099
0.4687
0.4289
0.4813
0.4319
0.4700
0.4126
0.4483
0.3918
0.4582
0.4099
0.4700
0.4126
0.4593
0.3944
0.4373
0.3893
0.4465
0.4071
0.4582
0.4099
0.4483
0.3918
EasyWhite Color Temperatures – 2-Step
Bin Code
CCT
x
y
40H
4000 K
0.3777
0.3739
0.3797
0.3816
0.3861
0.3855
0.3838
0.3777
35H
3500 K
0.4022
0.3858
0.4053
0.3942
0.4125
0.3977
0.4091
0.3891
30H
3000 K
0.4287
0.3975
0.4328
0.4064
0.4390
0.4086
0.4347
0.3996
27H
2700 K
0.4524
0.4048
0.4574
0.4140
0.4633
0.4154
0.4581
0.4062
PERFORMANCE GROUPS – CHROMATICITY - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com