Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 8 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 8 Page - Cree LED

Back Button XPL2 Datasheet HTML 4Page - Cree LED XPL2 Datasheet HTML 5Page - Cree LED XPL2 Datasheet HTML 6Page - Cree LED XPL2 Datasheet HTML 7Page - Cree LED XPL2 Datasheet HTML 8Page - Cree LED XPL2 Datasheet HTML 9Page - Cree LED XPL2 Datasheet HTML 10Page - Cree LED XPL2 Datasheet HTML 11Page - Cree LED XPL2 Datasheet HTML 12Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Notes
•
For additional order codes NOT recommended for new designs please see the Appendix section starting on page 30 .
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
8
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E3
5000 K
W3
520
571
XPLBWT-00-0000-000BW30E3
W2
500
549
XPLBWT-00-0000-000BW20E3
V6
480
527
XPLBWT-00-0000-000BV60E3
XPLBWT-00-0000-000HV60E3
V5
460
505
XPLBWT-00-0000-000HV50E3
V4
440
483
XPLBWT-00-0000-000HV40E3
V3
420
461
XPLBWT-00-0000-000UV30E3
V2
400
439
XPLBWT-00-0000-000UV20E3
U6
380
417
XPLBWT-00-0000-000UU60E3
E4
4500 K
W3
520
571
XPLBWT-00-0000-000BW30E4
W2
500
549
XPLBWT-00-0000-000BW20E4
V6
480
527
XPLBWT-00-0000-000BV60E4
V5
460
505
XPLBWT-00-0000-000HV50E4
V4
440
483
XPLBWT-00-0000-000HV40E4
V3
420
461
V2
400
439
XPLBWT-00-0000-000UV20E4
U6
380
417
XPLBWT-00-0000-000UU60E4
E5
4000 K
W3
520
571
XPLBWT-00-0000-000BW30E5
W2
500
549
XPLBWT-00-0000-000BW20E5
V6
480
527
XPLBWT-00-0000-000BV60E5
V5
460
505
XPLBWT-00-0000-000HV50E5
V4
440
483
XPLBWT-00-0000-000HV40E5
V3
420
461
V2
400
439
XPLBWT-00-0000-000UV20E5
U6
380
417
XPLBWT-00-0000-000UU60E5
E6
3500 K
V6
480
527
XPLBWT-00-0000-000BV60E6
V5
460
505
XPLBWT-00-0000-000BV50E6
XPLBWT-00-0000-000HV50E6
V4
440
483
XPLBWT-00-0000-000HV40E6
V3
420
461
V2
400
439
U6
380
417
XPLBWT-00-0000-000UU60E6
U5
360
395
XPLBWT-00-0000-000UU50E6
ORDER CODES SUGGESTED FOR NEW DESIGNS - ANSI ORDER CODES AND BINS (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com