Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 4 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 4 Page - Cree LED

  XPL2 Datasheet HTML 1Page - Cree LED XPL2 Datasheet HTML 2Page - Cree LED XPL2 Datasheet HTML 3Page - Cree LED XPL2 Datasheet HTML 4Page - Cree LED XPL2 Datasheet HTML 5Page - Cree LED XPL2 Datasheet HTML 6Page - Cree LED XPL2 Datasheet HTML 7Page - Cree LED XPL2 Datasheet HTML 8Page - Cree LED XPL2 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Notes
•
For additional order codes NOT recommended for new designs please see the Appendix section starting on page 30 .
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
4
Nominal
CCT
CRI
Minimum Luminous Flux
@1050 mA
2-Step
3-Step
5-Step
Min
Typ
Flux
Bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* Group
Order Code
Group
Order Code
Group
Order Code
4000 K
70
W3
520
571
40E
XPLBWT-00-0000-
000BW340E
W2
500
549
XPLBWT-00-0000-
000BW240E
V6
480
527
XPLBWT-00-0000-
000BV640E
80
V5
460
505
40G
XPLBWT-00-0000-
000HV540G
V4
440
483
XPLBWT-00-0000-
000HV440G
90
V2
400
439
40H
XPLBWT-00-0000-
000UV240H
40G
XPLBWT-00-0000-
000UV240G
U6
380
417
XPLBWT-00-0000-
000UU640H
XPLBWT-00-0000-
000UU640G
3500 K
70
V6
480
527
35E
XPLBWT-00-0000-
000BV635E
V5
460
505
XPLBWT-00-0000-
000BV535E
80
V5
460
505
35G
XPLBWT-00-0000-
000HV535G
V4
440
483
XPLBWT-00-0000-
000HV435G
90
U6
380
417
35H
XPLBWT-00-0000-
000UU635H
35G
XPLBWT-00-0000-
000UU635G
U5
360
395
XPLBWT-00-0000-
000UU535H
XPLBWT-00-0000-
000UU535G
3000 K
70
V6
480
527
30E
XPLBWT-00-0000-
000BV630E
V5
460
505
XPLBWT-00-0000-
000BV530E
80
V4
440
483
30G
XPLBWT-00-0000-
000HV430G
V3
420
461
XPLBWT-00-0000-
000HV330G
90
U5
360
395
30H
XPLBWT-00-0000-
000UU530H
30G
XPLBWT-00-0000-
000UU530G
U4
340
373
XPLBWT-00-0000-
000UU430H
XPLBWT-00-0000-
000UU430G
ORDER CODES SUGGESTED FOR NEW DESIGNS - EASYWHITE® ORDER CODES AND BINS (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com