Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPL2 Datasheet(PDF) 10 Page - Cree LED

Part # XPL2
Description  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 Datasheet(HTML) 10 Page - Cree LED

Back Button XPL2 Datasheet HTML 6Page - Cree LED XPL2 Datasheet HTML 7Page - Cree LED XPL2 Datasheet HTML 8Page - Cree LED XPL2 Datasheet HTML 9Page - Cree LED XPL2 Datasheet HTML 10Page - Cree LED XPL2 Datasheet HTML 11Page - Cree LED XPL2 Datasheet HTML 12Page - Cree LED XPL2 Datasheet HTML 13Page - Cree LED XPL2 Datasheet HTML 14Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Notes
•
TLCI refers to the European Broadcast Union’s Television Lighting Consistency Index 2012, which aids broadcasters in assessing the colorimetric
quality of lighting in their production environment. Cree LED maintains a tolerance of ±2 on TLCI measurements. See the Measurements section (page
23).
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
10
FLUX CHARACTERISTICS - BROADCAST ORDER CODES AND BINS (T
J = 85 °C)
The following table provides order codes for XLamp XP-L2 Broadcast LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 21). For definitions of the chromaticity kits, please see the Standard
Chromaticity Kits section (page 21).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
90 CRI Minimum
90 TLCI Minimum
95 CRI Minimum
95 TLCI Minimum
E2
5700 K
V2
400
439
XPLBWT-00-B001-A00UV20E2
U6
380
417
XPLBWT-00-B001-A00UU60E2
U5
360
395
XPLBWT-00-B001-A00ZU50E2
U4
340
373
XPLBWT-00-B001-A00ZU40E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com