Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 18 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 18 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 14Page - International Rectifier IP1202PBF Datasheet HTML 15Page - International Rectifier IP1202PBF Datasheet HTML 16Page - International Rectifier IP1202PBF Datasheet HTML 17Page - International Rectifier IP1202PBF Datasheet HTML 18Page - International Rectifier IP1202PBF Datasheet HTML 19Page - International Rectifier IP1202PBF Datasheet HTML 20Page - International Rectifier IP1202PBF Datasheet HTML 21Page - International Rectifier IP1202PBF Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.irf.com
18
iP1202PbF
Control Loop Compensation
The iP1202PbF feedback control is based on single
loop voltage mode control principle if both outputs
are configured in dual output independent mode. In
this case, both outputs can have identical compen-
sation. If iP1202PbF outputs are configured for par-
allel operation, then compensation of the outputs will
differ slightly.
The goal in the design of the compensator is to
achieve the highest unity gain (0 db) crossover fre-
quency with sufficient phase margin for the closed
loop transfer function. The LC filter of the power sup-
ply introduces a double pole with –40db/dec slope
and 1800 phase lag. The 180° phase contribution from
the LC filter is the source of instabilty.
The resonant frequency of the LC filter is expressed
by equation (10):
(10)
The error amplifiers of the iP1202PbF PWM control-
ler are transconductance amplifiers, and their out-
puts are available for external compensation.
Two type of compensators are studied in this sec-
tion. The first one is called Type II and it is used to
compensate systems the e.s.r. frequency f
esr (equa-
tion 8) of which is in the midfrequency range and Type
III that can be used for any type of output capacitors
and have a wide range of f
esr.
Fig. 18: Typical Type II compensation and its gain
plot
From Fig.18 the transfer function H(s) of the error
amplifier is given by (11):
(11)
The term s represents the frequency dependence of
the transfer function.
The Type II controller introduces a gain and a zero
expressed by equations (12) and (13):
5
9
7
7
)
(
R
R
R
R
g
s
H
m
×
+
×
=
(12)
where, g
m is the transconductance of the error am-
plifier.
(13)
Follow the steps below to determine the feedback
loop compensation component values:
1. Select a zero db crossover frequency f
0 in the range
of 10% to 20% of the switching frequency f
sw.
9
5
2
1
C
R
f
z
×
×
=
π
5
9
9
5
9
7
7
1
)
(
R
sC
C
sR
R
R
R
g
s
H
m
+
×
+
×
=
)
(2
/
1
0
0
C
L
f
LC
×
=
π
Magnitude(dB)
Frequency
FZ
H(s) dB
C10
R9
R7
E/A1
Vout1
FB1
VREF
CC1
iP1202
C9
R5
(Optional)
Type II
The inductor L
ois selected according to equation (9):
L
O = Vout x (1 - D) / (fsw x Iripple)
(9)
For output 1 of the above example, and for I
ripple of
30% of I
OUT1, LO1 is calculated to be 1.0µH.
The core must be selected according to the peak of
maximum output current.
A similar calculation can be applied to find an induc-
tor value for the second output.
iP1202PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com