Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 2 Page - International Rectifier

  IP1202PBF Datasheet HTML 1Page - International Rectifier IP1202PBF Datasheet HTML 2Page - International Rectifier IP1202PBF Datasheet HTML 3Page - International Rectifier IP1202PBF Datasheet HTML 4Page - International Rectifier IP1202PBF Datasheet HTML 5Page - International Rectifier IP1202PBF Datasheet HTML 6Page - International Rectifier IP1202PBF Datasheet HTML 7Page - International Rectifier IP1202PBF Datasheet HTML 8Page - International Rectifier IP1202PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.irf.com
2
iP1202PbF
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications @ V
IN = 12V
All specifications @ 25°C (unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VIN
VIN
-0.3
-
15
Feedback
VFB1/VFB2
-0.3
-
6
Output Overvoltage Sense
VFB1S/VFB2S
-0.3
-
6
PGOOD
-0.3
-
15
ENABLE
-0.3
-
15
Soft Start
SS1/SS2
-0.3
-
6
Vp-ref
-0.3
-
6
HICCUP
HICCUP
-0.3
-
15
SYNC
-0.3
-
6
Output RMS Current Per Channel
IoutVSW
--
15
A
2 Independent outputs. See Fig. 3
Block Temperature
TBLK
-40
-
125
°C
Capable of start up over full temperature
range. See Note 1.
V
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Input Voltage Range
VIN
5.5
-
13.2
--
15
A
2 Independent outputs
TPCB = TCASE = 90°C. See Fig. 3
--
11
A
2 Independent outputs
TPCB = 90°C, TCASE = no airflow, no
heatsink. See Fig. 3
0.8
-
5.0
For VIN = 12V
0.8
-
3.3
For VIN = 5.5V
Output Voltage Range
VOUT
V
Output RMS Current Per Channel
IoutVSW
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Over Current Shutdown
IOC
-25
-
A
VIN = 12V, VOUT = 1.5V
fSW = 300KHz, ROCSET = 51.1kΩ
HICCUP pin pulled Low
HICCUP duty cycle
DHICCUP
-5
-
%
HICCUP pin pulled high, output short
circuited.
Soft Start Time
tSS
5
ms
VIN = 12V, VOUT = 1.5V,
CSS1= CSS2=0.1µF
Reference Voltage
VREF
-0.8
-
V
VOUT_ACC1
-3
-
3
TBLK = -40°C to 125°C, See Note 1.
VIN= 12V, VOUT = 1.5V
VOUT_ACC2
-2.5
-
2.5
TBLK = 0°C to 125°C, See Note 1.
VIN= 12V, VOUT = 1.5V
Error Amplifier 2 input offset
voltage
VOS2
-4
-
4
mV
VIN = 12V, VOUT = 1.5V, specified for
current share accuracy in parallel
configuration. Rshunt1 = Rshunt2 =5mΩ ,
Iout= 30A. See Fig. 15
FB1/FB2 Input bias current
IBFB
--0.1
-
µA
Error Amplifier
source/sink Current
IERR
-60
-
µA
Error Amplifier
Transconductance
gm1, gm2
-
2000
-
µmho
Output Overvoltage Shutdown
Threshold
OVP
-
1.15 x VOUT
-V
See OVP note in Design Guidelines
OVP Fault Propagation Delay
tOVP
-25
-
µs
Output forced to 1.125Vref
PGOOD Trip Threshold
VTh_PGOOD
-
0.85 x VOUT
V
FB1 or FB2 ramping down
PGOOD Output Low Voltage
VLO_PGOOD
-0.25
-
V
ISINK=2mA
fSW = 300kHz, VIN = 12V, TBLK= 25°C
VOUT1 = VOUT2 = 1.5V, IOUT1 = IOUT2= 15A
-
7.0
8.75
%
VOUT Accuracy
W
PLOSS
Power Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com