Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 5 Page - International Rectifier

  IP1202PBF Datasheet HTML 1Page - International Rectifier IP1202PBF Datasheet HTML 2Page - International Rectifier IP1202PBF Datasheet HTML 3Page - International Rectifier IP1202PBF Datasheet HTML 4Page - International Rectifier IP1202PBF Datasheet HTML 5Page - International Rectifier IP1202PBF Datasheet HTML 6Page - International Rectifier IP1202PBF Datasheet HTML 7Page - International Rectifier IP1202PBF Datasheet HTML 8Page - International Rectifier IP1202PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.irf.com
5
iP1202PbF
Fig. 2: Power Loss vs. Current
Fig. 3: Safe Operating Area (SOA) vs. T
PCB & TCASE
0
10
20
304050
607080
90
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
10
20
304050
607080
90
100
110
120
PCB Temperature (ºC)
Case Temperature (
ž&
T
X
V
IN = 12V
V
OUT 1 = V OUT 2 = 1.5V
I
OUT = 15A
f
SW = 300kHz
L = 1.0µH
Safe
Operating
Area
0
1
2
3
4
5
6
7
8
9
10
11
12
0123
456789
10
11
12
13
14
15
Output Current per Channel (A)
V
IN = 12V
V
OUT 1 = V OUT 2 = 1.5V
f
SW = 300kHz
L = 1.0µH
T
BLK = 125°C
Maximum
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com