Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 14 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 10Page - International Rectifier IP1202PBF Datasheet HTML 11Page - International Rectifier IP1202PBF Datasheet HTML 12Page - International Rectifier IP1202PBF Datasheet HTML 13Page - International Rectifier IP1202PBF Datasheet HTML 14Page - International Rectifier IP1202PBF Datasheet HTML 15Page - International Rectifier IP1202PBF Datasheet HTML 16Page - International Rectifier IP1202PBF Datasheet HTML 17Page - International Rectifier IP1202PBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.irf.com
14
iP1202PbF
Fig. 14: iP1202PbF Dual Output Simplified Schematic
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
SS2
VREF
RT
SYNC
VSW2
FB2
FB2S
CC2
OC2
ENABLE
OC1
iP1202
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
SS2
VREF
RT
SYNC
VSW2
FB2
FB2S
CC2
OC2
ENABLE
OC1
C8
0.1uF
L1
1.0uH
Cout1
470uF
R9
887
R7
1k
C9
0.018uF
R5
2.49k
L2
1.0uH
C11
0.012uF
R6
3.32k
C7
0.1uF
R3
30.9k
C10
100pF
R1
100k
R2
100k
0.8V
VOUT1
1.5V
Cin
22uF
PGND
VIN
12V
R10
2.15k
R8
1k
Cout2
470uF
VOUT2
2.5V
x6
x2
x2
ROC1
51.1k
ROC2
51.1k
PGOOD
This is an output voltage status signal that is open
collector and is pulled low when the output voltage
falls below 85% of the output voltage. High state in-
dicates that outputs are in regulation. There is only
one PGOOD for both outputs. The PGOOD pin can
be left floating if not used.
Thermal Shutdown
The iP1202PbF provides thermal shutdown. The
threshold typically is set to 140°C. When the trip
threshold is exceeded, thermal shutdown turns the
outputs off. Thermal shutdown is not latched and au-
tomatic restart is initiated when the sensed tempera-
ture drops to the normal range.
Refer to iP1202PbF Design Procedure section on
how to set the OVP Trip threshold.
iP1202PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com