Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 4Page - International Rectifier IP1202PBF Datasheet HTML 5Page - International Rectifier IP1202PBF Datasheet HTML 6Page - International Rectifier IP1202PBF Datasheet HTML 7Page - International Rectifier IP1202PBF Datasheet HTML 8Page - International Rectifier IP1202PBF Datasheet HTML 9Page - International Rectifier IP1202PBF Datasheet HTML 10Page - International Rectifier IP1202PBF Datasheet HTML 11Page - International Rectifier IP1202PBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.irf.com
8
iP1202PbF
Output2 (Fig. 2)
Maximum power loss
=6.4W /2 = 3.2W
(Fig. 4)
Normalized power loss for input voltage ≈ 0.93
(Fig. 5)
Normalized power loss for output voltage ≈ 1.075
(Fig. 6)
Normalized power loss for frequency ≈ 1.0
(Fig. 7)
Normalized power loss for inductor value ≈ 0.98
Adjusted Power Loss = 3.2W x 0.93 x 1.075 x 1.0 x 0.98 ≈ 3.13W
Total device power loss = 3.7W + 3.13W ≈ 6.8W
Example 2) Adjusting for SOA Temperature:
Assuming T
CASE = 110°C & TPCB = 90°C for both outputs
Output1 (Fig. 4)
Normalized SOA Temperature for input voltage ≈ -2.3°C
(Fig. 5)
Normalized SOA Temperature for output voltage ≈ -0.6°C
(Fig. 6)
Normalized SOA Temperature for frequency ≈ 0°C
(Fig. 7)
Normalized SOA Temperature for inductor value ≈−0.7°C
TX axis intercept temp adjustment = -2.3°C - 0.6°C + 1.9°C - 0.7°C ≈ -3.6°C
The following example shows how the SOA current is adjusted for a TX change of -3.6°C and output 1 is in SOA
Output2 (Fig. 4)
Normalized SOA Temperature for input voltage ≈ -2.3°C
(Fig. 5)
Normalized SOA Temperature for output voltage ≈ 3.9°C
(Fig. 6)
Normalized SOA Temperature for frequency ≈ 0°C
(Fig. 7)
Normalized SOA Temperature for inductor value ≈ −0.7°C
TX axis intercept temp adjustment = -2.3°C + 3.9°C - 0°C - 0.7°C ≈ 0.9°C
The following example shows how the SOA current is adjusted for a TX change of 0.9°C and output 2 is in SOA.
0
1020
3040
5060
7080
90
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
1020
3040
5060
7080
90
100
110
120
PCB Temperature (ºC)
Cas e Tem peratur e (
ž8Ã
T
X
V
IN = 12V
V
OUT 1 = V OUT 2 = 1.5V
I
OUT = 15A
f
SW = 300kHz
L = 1.8uH
Safe
Operating
Area
Unadjusted SOA Current
Adjusted SOA Current
0
1020
3040
5060
70
80
90
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
1020
3040
5060
70
80
90
100
110
120
PCB Temperature (ºC)
Cas e Te m perature (
ž8Ã
T
X
V
IN = 12V
V
OUT 1 = V OUT 2 = 1.5V
I
OUT = 15A
f
SW = 300kHz
L = 1.8uH
Safe
Operating
Area
Unadjusted SOA Current
Adjusted SOA Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com