Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 28 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 28 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 21Page - International Rectifier IP1202PBF Datasheet HTML 22Page - International Rectifier IP1202PBF Datasheet HTML 23Page - International Rectifier IP1202PBF Datasheet HTML 24Page - International Rectifier IP1202PBF Datasheet HTML 25Page - International Rectifier IP1202PBF Datasheet HTML 26Page - International Rectifier IP1202PBF Datasheet HTML 27Page - International Rectifier IP1202PBF Datasheet HTML 28Page - International Rectifier IP1202PBF Datasheet HTML 29Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
www.irf.com
28
iP1202PbF
Fig.33: Mechanical Drawing
Refer to the following application notes for detailed guidelines and suggestions when implementing iPOWIR
Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s iPOWIR
Technology BGA Packages
This paper discusses the assembly considerations that need to be taken when mounting iPOWIR BGA’s on
printed circuit boards. This includes soldering, pick and place, reflow, inspection, cleaning and reworking
recommendations.
AN-1029: Optimizing a PCB Layout for an iPOWIR Technology Design
This paper describes how to optimize the PCB layout design for both thermal and electrical performance. This
includes placement, routing, and via interconnect suggestions.
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the operating
conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
AN-1043: Stabilize the Buck Converter with Transconductance Amplifier.
AN-1047: Graphical solution to two branch heatsinking Safe Operating Area
This paper is a suppliment to AN-1030 and explains how to use the double side Power Loss and SOA curves
in the data sheet to validate if the operating conditions and thermal environment are within the Safe Operating
Area of the iPOWIR product.
AN-1053: Power Sequencing Techniques using iP1201 and iP1202PbF.
0.12 [.005] C
2. DIMENS IONS ARE S HOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER
1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994.
NOTES:
(2X 0.625 [.025])
2.33 [.0917]
2.11 [.0831]
TOP VIEW
BOTTOM VIEW
SIDE VIEW
2.78 [.1094]
2.46 [.0968]
C
0.45 [.0177]
0.35 [.0138]
PACKAGE BODY.
BALL DIAMETER, IN A PLANE PARALLEL TO DATUM C.
SPHERICAL CROWNS OF THE SOLDER BALLS.
4. SOLDER BALL POS ITION DESIGNATION PER JESD 95-1, SPP-010.
7 SOLDER BALL DIAMETER IS MEAS URED AT THE MAXIMUM SOLDER
5 PRIMARY DATUM C (SEATING PLANE) IS DEFINED BY THE
6 BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE
5
0.15 [.006] C
CORNER ID
BALL A1
2X
6
15.50
[.610]
B
9.25
[.364]
A
0.15 [.006] C
2X
6
0.15 [.006]
CA B
0.08 [.003]
C
161X Ø 0.45 [.0178]
0.55 [.0216]
7
0.40
[.016]
2X
0.80
[.032]
27X
8. NOT TO SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com