Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 3Page - International Rectifier IP1202PBF Datasheet HTML 4Page - International Rectifier IP1202PBF Datasheet HTML 5Page - International Rectifier IP1202PBF Datasheet HTML 6Page - International Rectifier IP1202PBF Datasheet HTML 7Page - International Rectifier IP1202PBF Datasheet HTML 8Page - International Rectifier IP1202PBF Datasheet HTML 9Page - International Rectifier IP1202PBF Datasheet HTML 10Page - International Rectifier IP1202PBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.irf.com
7
iP1202PbF
Adjusting the Power Loss and SOA curves for different operating conditions
To make adjustments to the power loss curves in Fig. 2, multiply the normalized value obtained from the curves in Figs. 4,
5, 6 or 7 by the value indicated on the power loss curve in Fig. 2. Remember that the power loss in Fig 2. is the power loss
for 2 outputs operating with the same output voltage. If differing output voltages are used the initial power loss for each
channel needs to be divided by 2. Then if multiple adjustments are required, multiply all of the normalized values together,
then multiply that product by the value indicated on the power loss curve in Fig. 2. The resulting product is the final power
loss based on all factors. See example no. 1.
To make adjustments to the SOA curve in Fig. 3, determine your maximum PCB Temp & Case Temp at the maximum
operating current of each iP1202PbF. Then, add the correction temperature from the normalized curves in Figs. 4, 5, 6 or
7 to the TX axis intercept (see procedure no. 2 above) in Fig. 3. When multiple adjustments are required, add all of the
temperatures together, then add the sum to the TX axis intercept in Fig. 3. See example no. 2.
Operating Conditions for the following examples:
Output1
Output Current = 12A
Input Voltage = 8V
Inductor = 1.75µH
Output Voltage = 1.2V
Sw Freq= 300kHz
Output2
Output Current = 10A
Input Voltage =8V
Inductor = 1.75µH
Output Voltage = 3.3V
Sw Freq= 300kHz
Example 1) Adjusting for Maximum Power Loss:
Output1 (Fig. 2)
Maximum power loss
= W 8.25/2 = 4.125W
(Fig. 4)
Normalized power loss for input voltage ≈ 0.93
(Fig. 5)
Normalized power loss for output voltage ≈ 0.98
(Fig. 6)
Normalized power loss for frequency ≈ 1.0
(Fig. 7)
Normalized power loss for inductor value ≈ 0.98
Adjusted Power Loss = 4.125 x 0.93 x 0.98 x 1.0 x 0.98 ≈ 3.7W
Applying the Safe Operating Area (SOA) Curve
The SOA graph incorporates power loss and thermal resistance information in a way that allows one to solve for maximum
current capability in a simplified graphical manner. It incorporates the ability to solve thermal problems where heat is drawn
out through the printed circuit board and the top of the case.
Procedure
1) Draw a line from Case Temp axis at T
CASE to the PCB
Temp axis at T
PCB.
2) Draw a vertical line from the T
X axis intercept to the SOA
curve. (see AN-1047 for further explanation of T
X )
3) Draw a horizontal line from the intersection of the vertical
line with the SOA curve to the Y axis. The point at which
the horizontal line meets the y-axis is the SOA current.
4) If no top sided heatsinking is available, assume T
CASE
temperature of 125°C for worst case performance.
0
10
203040
5060
7080
90
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
10
203040
5060
7080
90
100
110
120
PCB Temperature (ºC)
Case Tem pe rature (
ž8Ã
T
X
V
IN = 12V
V
OUT 1 = V OUT 2 = 1.5V
I
OUT = 15A
f
SW = 300kHz
L = 1.8uH
Safe
Operating
Area
1
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com